Electronic Components Datasheet Search
  English  ▼

X  

FMEX Datasheet(PDF) 1 Page - TT Electronics.

Part # FMEX
Description  Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FMEX Datasheet(HTML) 1 Page - TT Electronics.

  FMEX Datasheet HTML 1Page - TT Electronics. FMEX Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Stainless Steel Pressure
Gauge (50mm, 63mm, 100mm,
150mm)
FMEX
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
We are able to supply this range of Stainless Steel pressure gauges in a variety of diameters
(50mm, 63mm, 100mm and 150mm), accommodating pressure ranges of -1 bar right through to 100 bar. Our
pressure ranges conform to EN837 and PED standard.
In addition to our standard range, we are also able to offer a much wider range of pressure gauges as well as all
the accessories your application may require.
Spares and Accessories available:
Pressure limiters
High temperature adapters
Gauge cocks and valves
Dampeners
Siphons
Hygienic and chemical seals
Features:
Variety of diameters
Accommodating pressure range of –1 bar through 100 bar
EN837 standard
PED standard
Diameter
50mm (MEX2) , 63mm (MEX3)
Mounting
Direct bottom entry
Case
1.4304 (AISI 304) Blow out disk on
top
Wetted Parts
1.4404 (AISI 316L)
Window
Plain glass
Connection
1/4" BSP as standard or NPT (M)
(MEX2+3)
Weatherproof
IP65
Accuracy
+/- 1.6% FSD (MEX2+3)
Diameter
100mm (MEX5), 150mm (MIX)
Mounting
Direct bottom entry
Case
1.4304 (AISI 304) Blow out
disk on top
Wetted Parts
1.4404 (AISI 316L)
Window
Plain glass
Connection
1/2" BSP as standard or NPT
(M) (100mm—MEX5)
(150mm—M)
Weatherproof
IP65
Accuracy
Class 1 (100mm—MEX5)


Similar Part No. - FMEX

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FME SCHURTER-FME Datasheet
325Kb / 1P
Fuseholder Open Design, Holder for MSF 125, Panel Mount
logo
Sanken electric
FME-2104 SANKEN-FME-2104 Datasheet
85Kb / 3P
Schottky Barrier Diodes
FME-2106 SANKEN-FME-2106 Datasheet
92Kb / 2P
Schottky Barrier Diodes
FME-210B SANKEN-FME-210B Datasheet
291Kb / 7P
Schottky Barrier Diode
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
100V, 20A Schottky barrier diode in TO220F package
More results

Similar Description - FMEX

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
Precision stainless steel pressure transmitters
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
Submersible precision stainless steel pressure transmitters
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
STAINLESS STEEL PRESSURE PICKUP PORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com