Electronic Components Datasheet Search
  English  ▼

X  

FSVS22 Datasheet(PDF) 1 Page - TT Electronics.

Part # FSVS22
Description  Vertical Stainless Steel Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FSVS22 Datasheet(HTML) 1 Page - TT Electronics.

  FSVS22 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vertical Stainless Steel
Switch
FSVS22
© TT electronics plc
Issue A
06/2017 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
For liquid level control and tank level alarms using all Stainless Steel wetted parts. A magnet in the float activates a reed
switch to give an electrical contact closure.
Features:
5 day lead time
Storage tank high level alarms
Pump control
Machinery protection by signaling lack of coolant or lubricant
Ideal for small tanks where space is limited
Model RFS: for use in hot oil tanks, fat fryers


Similar Part No. - FSVS22

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FSV SHIELD-FSV Datasheet
266Kb / 2P
MAGNETIC SWITCHES
logo
Turck, Inc.
FSV-49 TURCK-FSV-49 Datasheet
162Kb / 1P
Accessories for Fieldbus Systems Flange
2020-01-31T
FSV-CC TURCK-FSV-CC Datasheet
87Kb / 1P
Closure Caps
logo
ON Semiconductor
FSV10100V ONSEMI-FSV10100V Datasheet
190Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 100 V
April, 2020 ??Rev. 3
FSV10120V ONSEMI-FSV10120V Datasheet
228Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 120 V
June, 2018 ??Rev. 2
More results

Similar Description - FSVS22

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
logo
TT Electronics.
FSLS12P TTELEC-FSLS12P Datasheet
330Kb / 1P
Horizontal Stainless Steel Switch
FSRS22 TTELEC-FSRS22 Datasheet
328Kb / 1P
Right Angle Stainless Steel Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com