Electronic Components Datasheet Search
  English  ▼

X  

HA19 Datasheet(PDF) 2 Page - TT Electronics.

Part # HA19
Description  Electric Power Steering (EPS) Common Mode Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HA19 Datasheet(HTML) 2 Page - TT Electronics.

  HA19 Datasheet HTML 1Page - TT Electronics. HA19 Datasheet HTML 2Page - TT Electronics. HA19 Datasheet HTML 3Page - TT Electronics. HA19 Datasheet HTML 4Page - TT Electronics. HA19 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EPS Common Mode Choke
HA19 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue B
03/2018 Page 2
TT Electronics | BI Technologies
www.ttelectronics.com | magsales@ttelectronics.com
Specifications @ 25°C
Part Number
Inductance
(1-2 or 4-3)
μH
Min.
Rated
Current
Amps
Typ.
DC
Resistance
(1-2 or 4-3)
mΩ Max.
Leakage Induct-
ance (μH)
Min.
Figure
HA19-10000LF
75.0
26.5
1.70
0.90
1
HA19-20000LF
75.0
28.0
1.30
0.90
1
HA19-30000LF
11.0
44.0
1.00
0.07
2
HA19-40000LF
84.6
28.5
1.40
0.65
3
Notes: (1)
Inductance and leakage inductance are measured at 10kHz, 0.1Vrms.
(2)
Rated current is the approximate DC current at which DT is 40°C. Part temperature should be
verified in the end application. The part temperature (ambient plus temperature rise) should
not exceed 125°C under worst case operating conditions.
(3)
Leakage inductance is measured at pin-1-2 with N2 (pin 4-3) winding shorted.
Packaging
Part Number
One shipping carton
HA19-10000LF
HA19-20000LF
HA19-40000LF
400pcs
HA19-30000LF
280pcs
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com