Electronic Components Datasheet Search
  English  ▼

X  

8XC152JC Datasheet(PDF) 15 Page - Intel Corporation

Part # 8XC152JC
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC152JC Datasheet(HTML) 15 Page - Intel Corporation

Back Button 8XC152JC Datasheet HTML 9Page - Intel Corporation 8XC152JC Datasheet HTML 10Page - Intel Corporation 8XC152JC Datasheet HTML 11Page - Intel Corporation 8XC152JC Datasheet HTML 12Page - Intel Corporation 8XC152JC Datasheet HTML 13Page - Intel Corporation 8XC152JC Datasheet HTML 14Page - Intel Corporation 8XC152JC Datasheet HTML 15Page - Intel Corporation 8XC152JC Datasheet HTML 16Page - Intel Corporation 8XC152JC Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
8XC152JAJBJCJD
GSC TRANSMIT TIMINGS (INTERNAL BAUD RATE GENERATOR)
270431 – 16
GLOBAL SERIAL PORT TIMINGSExternal Clock
Symbol
Parameter
165 MHz
Variable Oscillator
Unit
Min
Max
Min
Max
1ECBT
GSC Frequency with an
24
0009
FOSC c 0145
MHz
External Clock
ECH
External Clock High
170
2TCLCL
ns
a
45 ns
ECL(13)
External Clock Low
170
2TCLCL
ns
a
45 ns
ECRT
External Clock Rise
20
20
ns
Time(11)
ECFT
External Clock Fall
20
20
ns
Time(12)
ECDVT
External Clock to Data
ns
Valid Out - Transmit
150
150
(to External Clock
Negative Edge)
ECDHT
External Clock Data
ns
Hold - Transmit
0
0
(to External Clock
Negative Edge)
ECDSR
External Clock Data
45
45
ns
Set-up - Receiver
(to External Clock
Positive Edge)
ECDHR
External Clock to Data
50
50
ns
Hold - Receiver
(to External Clock
Positive Edge)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com