Electronic Components Datasheet Search
  English  ▼

X  

CH1817L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CH1817L
Description  Family of Low Profile DAA Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1817L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CH1817L Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1817L Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Cermetek Microelectronics, Inc.
CH1817 Family of Low Profile DAA Modules
Figure 7. Mechanical Specifications.
Table 2.
Product Family Summary.
Model
Summary of Features
Operating Temperature
CH1817D
UL1459 Listed, XMIT attenuated by 0.0dBm, Differential input
0
°C to 55°C
CH1817L
UL1459 Listed, XMIT attenuated by 9.5dBm, Single ended input
0
°C to 55°C
CH1817LM
UL1459 Listed, XMIT attenuated by 6.5dBm, Single ended input
0
°C to 55°C
CH1817DM
UL1459 Listed, XMIT attenuated by 6.5dBm, Differential input
0
°C to 55°C
CH1817ET*
UL1459 Listed, XMIT attenuated by 9.5dBm, Single ended input
-40
°C to 85°C
CH1817LET*
UL1459 Listed, XMIT attenuated by 9.5dBm, Single ended input
-40
°C to 85°C
*Available upon special order only. Contact factory for details.
Cermetek reserves the right to make changes in specifications at any time and without notice. The information furnished by Cermetek
in this publication is believed to be accurate and reliable. However, no responsibility is assumed by Cermetek for its use, or for any
infringements of patents or other rights of third parties resulting from its use. No license is granted under any patents or patent rights
of Cermetek.
Printed in U.S.A
406 TASMAN DRIVE | SUNNYVALE CA 94089 | LOCAL: 408-752-5000 | TOLL FREE: 1-800-882-6271 | FAX: 408-752-5004
WEB SITE: http:/www.cermetek.com | EMAIL: sales@cermetek.com
2002 Cermetek Microelectronics, Inc.
Page 7
Document No. 607-0007 Revision B (01/02)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com