Electronic Components Datasheet Search
  English  ▼

X  

CH1817DM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CH1817DM
Description  Family of Low Profile DAA Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH1817DM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CH1817DM Datasheet HTML 1Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 2Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 3Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 4Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 5Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 6Page - List of Unclassifed Manufacturers CH1817DM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Cermetek Microelectronics, Inc.
CH1817 Family of Low Profile DAA Modules
Table 1.
CH1817 Family Pin Description.
Pin
Name
I/O
Function
1
TIP
I/O
TIP. Direct telephone line connection.
2
RING
I/O
RING. Direct telephone line connection.
3
OFFHK
I
OFF HOOK. When set LOW, the CH1817 is placed On-Hook. When set HIGH, the
CH1817 is placed Off-Hook to answer or place a call. This input can also be used
for pulse dialing. NOTE: When answering incoming calls in response to a ring
indication on RI, internal relay contact degradation may occur if OFFHK is set HIGH
before RI returns to its HIGH state.
4
RI
O
RING INDICATION. It is asserted LOW by the CH1817 during the 2 second ON
portion of the incoming AC Ring Signal and is asserted HIGH during the 4 second
idle period between rings. An envelope of the AC ring signal may be created using
the application circuit shown in Figure 2.
5
RCV
O
RECEIVE. This provides the signal or audio output with respect to ground and must
be AC coupled with a 0.1
µF capacitor to eliminate DC offset.
6
XMIT(-)
or
N/C
I
or
-
TRANSMIT SIGNAL (-). Input a differential AC coupled audio signal with respect to
XMIT(+), CH1817-D versions only. All others, No Connection. For single ended
operation of CH1817-D, connect this pin to ground through a 0.1
µF capacitor.
7
VCC
I
POWER SUPPLY. +5V ± 5%
8
XMIT(+)
I
TRANSMIT SIGNAL (+). Input an AC coupled audio signal with respect to ground.
Input a differential signal with respect to XMIT(-) for the CH1817-D versions only.
9
GND
I
Ground. Must be connected to signal ground. Note: Noise should be less than
25mV peak-to-peak.
2002 Cermetek Microelectronics, Inc.
Page 3
Document No. 607-0007 Revision B (01/02)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com