Electronic Components Datasheet Search
  English  ▼

X  

AD4111BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD4111BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD4111BCPZ Datasheet HTML 1Page - Analog Devices AD4111BCPZ Datasheet HTML 2Page - Analog Devices AD4111BCPZ Datasheet HTML 3Page - Analog Devices AD4111BCPZ Datasheet HTML 4Page - Analog Devices AD4111BCPZ Datasheet HTML 5Page - Analog Devices AD4111BCPZ Datasheet HTML 6Page - Analog Devices AD4111BCPZ Datasheet HTML 7Page - Analog Devices AD4111BCPZ Datasheet HTML 8Page - Analog Devices AD4111BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
Data Sheet
AD4111
Rev. A | Page 5 of 59
SPECIFICATIONS
AVDD = 3.0 V to 5.5 V, IOVDD = 2 V to 5.5 V, AVSS = 0 V, DGND = 0 V, VBIAS− = 0 V, REF+ = 2.5 V, REF− = AVSS, internal master
clock (MCLK) = 2 MHz, TA = TMIN to TMAX (−40°C to +105°C), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE INPUTS
Differential Input Voltage Range1
Specified performance
−10
+10
V
Functional
−VREF × 10
+VREF × 10
V
Absolute (Pin) Input Voltage
AVDD ≥ 4.75 V
−20
+20
V
AVDD = 3.0 V
−12
+12
V
Input Impedance
1
MΩ
Offset Error2
25°C
±1.5
mV
Offset Drift
±7
µV/°C
Gain Error
Internal full-scale calibration3, 25°C
±0.05
% of FS
Gain Drift
±1
ppm/°C
Integral Nonlinearity (INL)
±0.01
% of FSR
Total Unadjusted Error (TUE)4
Internal full-scale calibration
25°C, internal VREF
±0.06
% of FSR
−40°C to +105°C, internal VREF
±0.1
% of FSR
25°C, external VREF
±0.06
% of FSR
−40°C to +105°C, external VREF
±0.08
% of FSR
Power Supply Rejection
AVDD for VIN = 1 V
70
dB
Common-Mode Rejection
VIN = 1 V
At DC
85
dB
At 50 Hz, 60 Hz
20 Hz output data rate (postfilter), 50 Hz ±
1 Hz and 60 Hz ± 1 Hz
120
dB
Normal Mode Rejection4
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
Resolution
See Table 6 and Table 8
Noise
See Table 6 and Table 8
CURRENT INPUTS
Input Current Range
−0.5
+24
mA
Absolute (Pin) Input Voltage
AVSS − 0.05
AVDD + 0.055
V
Input Impedance6
54
60
75
Ω
Offset Error2
±2
µA
Offset Drift
±3
nA/°C
Gain Error
Factory calibrated gain, 25°C
±0.02
% of FS
Gain Drift
±10
ppm/°C
INL
±0.01
% of FSR
TUE4
25°C, internal VREF
±0.08
% of FSR
−40°C to +105°C, internal VREF
±0.2
% of FSR
25°C, external VREF
±0.08
% of FSR
−40°C to +105°C, external VREF
±0.2
% of FSR
Power Supply Rejection
AVDD for IIN = 10 mA
0.5
µA/V
Normal Mode Rejection4
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
Resolution
See Table 7 and Table 9
Noise
See Table 7 and Table 9
ADC SPEED AND PERFORMANCE
ADC Output Data Rate (ODR)
One channel, see Table 6
1.25
31,250
SPS
No Missing Codes4
Excluding sinc3 filter ≥ 15 kHz notch
24
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com