Electronic Components Datasheet Search
  English  ▼

X  

AD7606BBSTZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD7606BBSTZ
Description  8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606BBSTZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD7606BBSTZ Datasheet HTML 60Page - Analog Devices AD7606BBSTZ Datasheet HTML 61Page - Analog Devices AD7606BBSTZ Datasheet HTML 62Page - Analog Devices AD7606BBSTZ Datasheet HTML 63Page - Analog Devices AD7606BBSTZ Datasheet HTML 64Page - Analog Devices AD7606BBSTZ Datasheet HTML 65Page - Analog Devices AD7606BBSTZ Datasheet HTML 66Page - Analog Devices AD7606BBSTZ Datasheet HTML 67Page - Analog Devices AD7606BBSTZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
AD7606B
Data Sheet
Rev. 0 | Page 64 of 69
Address: 0x27, Reset: 0x00, Name: AIN_UV_DIAG_ERROR
Undervoltage error on Channel 8
Undervoltage error on Channel 1
Undervoltage error on Channel 7
Undervoltage error on Channel 2
Undervoltage error on Channel 6
Undervoltage error on Channel 3
Undervoltage error on Channel 5
Undervoltage error on Channel 4
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] CH8_UV_ERR (R/W1C)
[0] CH1_UV_ERR (R/W1C)
[6] CH7_UV_ERR (R/W1C)
[1] CH2_UV_ERR (R/W1C)
[5] CH6_UV_ERR (R/W1C)
[2] CH3_UV_ERR (R/W1C)
[4] CH5_UV_ERR (R/W1C)
[3] CH4_UV_ERR (R/W1C)
Table 69. Bit Descriptions for AIN_UV_DIAG_ERROR
Bits
Bit Name
Description
Reset
Access
7
CH8_UV_ERR
Undervoltage error on Channel 8.
0x0
R/W1C
6
CH7_UV_ERR
Undervoltage error on Channel 7.
0x0
R/W1C
5
CH6_UV_ERR
Undervoltage error on Channel 6.
0x0
R/W1C
4
CH5_UV_ERR
Undervoltage error on Channel 5.
0x0
R/W1C
3
CH4_UV_ERR
Undervoltage error on Channel 4.
0x0
R/W1C
2
CH3_UV_ERR
Undervoltage error on Channel 3.
0x0
R/W1C
1
CH2_UV_ERR
Undervoltage error on Channel 2.
0x0
R/W1C
0
CH1_UV_ERR
Undervoltage error on Channel 1.
0x0
R/W1C
Address: 0x28, Reset: 0x00, Name: DIAGNOSTIC_MUX_CH1_2
Channel 1 diagnos tic m ux control.
Select ±10V range.
111:
.
CC
AV
s elect
110: s elect AGND.
101:
.
DRIVE
V
s elect
100: s elect DLDO 1.8V x 4.
011: s elect ALDO 1.8V x 4.
010: s elect 2.5V.
001:
+ 25°C.
= (output voltage - 0.17267)/0.0004832
s elect tem perature s ens or. Die tem perature
000: s elect analog input pin.
Channel 2 diagnos tic m ux control.
Select ±10V range.
111:
.
CC
AV
s elect
110: s elect AGND.
101:
.
DRIVE
V
s elect
100: s elect ALDO 1.8V x 4.
011: s elect ALDO 1.8V x 4.
010: s elect 2.5V.
001:
+ 25°C.
= (output voltage - 0.17267)/0.0004832
s elect tem perature s ens or. Die tem perature
000: s elect analog input pin.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[2:0] CH1_DIAG_MUX_CTRL (R/W)
[5:3] CH2_DIAG_MUX_CTRL (R/W)
Table 70. Bit Descriptions for DIAGNOSTIC_MUX_CH1_2
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
CH2_DIAG_MUX_CTRL
Channel 2 diagnostic mux control. Select ±10 V range.
0x0
R/W
000: select analog input pin.
001: select temperature sensor. Die temperature = (output voltage −
0.17267)/0.0004832 + 25°C.
010: select 2.5 V.
011: select ALDO 1.8 V × 4.
100: select ALDO 1.8 V × 4.
101: select VDRIVE.
110: select AGND.
111: select AVCC.
[2:0]
CH1_DIAG_MUX_CTRL
Channel 1 diagnostic mux control. Select ±10 V range.
0x0
R/W
000: select analog input pin.
001: select temperature sensor. Die temperature = (output voltage −
0.17267)/0.0004832 + 25°C.
010: select 2.5 V.
011: select ALDO 1.8 V × 4.
100: select DLDO 1.8 V × 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com