Electronic Components Datasheet Search
  English  ▼

X  

ADF41513BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF41513BCPZ
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513BCPZ Datasheet(HTML) 1 Page - Analog Devices

  ADF41513BCPZ Datasheet HTML 1Page - Analog Devices ADF41513BCPZ Datasheet HTML 2Page - Analog Devices ADF41513BCPZ Datasheet HTML 3Page - Analog Devices ADF41513BCPZ Datasheet HTML 4Page - Analog Devices ADF41513BCPZ Datasheet HTML 5Page - Analog Devices ADF41513BCPZ Datasheet HTML 6Page - Analog Devices ADF41513BCPZ Datasheet HTML 7Page - Analog Devices ADF41513BCPZ Datasheet HTML 8Page - Analog Devices ADF41513BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
26.5 GHz, Integer N/Fractional-N,
PLL Synthesizer
Data Sheet
ADF41513
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1 GHz to 26.5 GHz bandwidth
Ultralow noise PLL
Integer N = −235 dBc/Hz, fractional-N = −231 dBc/Hz
High maximum PFD frequency
Integer N = 250 MHz, fractional-N = 125 MHz
25-bit fixed/49-bit variable fractional modulus mode
Single-ended reference input
3.3 V power supply, 3.3 V charge pump
Integrated 1.8 V logic capability
Phase resync
Programmable charge pump currents: 16× range
Digital lock detect
3-wire serial interface with register readback option
Hardware and software power-down mode
Operating range from −40°C to +105°C
APPLICATIONS
Test equipment and instrumentation
Wireless infrastructure
Microwave point to point and multipoint radios
Very small aperture terminal (VSAT) radios
Aerospace and defense
GENERAL DESCRIPTION
The ADF41513 is an ultralow noise frequency synthesizer that
can be used to implement local oscillators (LOs) as high as
26.5 GHz in the upconversion and downconversion sections of
wireless receivers and transmitters.
The ADF41513 is designed on a high performance silicon
geranium (SiGe), bipolar complementary metal-oxide
semiconductor (BiCMOS) process, achieving a normalized
phase noise floor of −235 dBc/Hz. The phase frequency
detector (PFD) operates up to 250 MHz (integer N mode)/
125 MHz (fractional-N mode) for improved phase noise and
spur performance. The variable modulus, ∑-Δ modulator allows
extremely fine resolution when using a 49-bit divide value. The
ADF41513 can be used as an integer N phase-locked loop
(PLL), or it can be used as a fractional-N PLL with either a fixed
modulus for subhertz frequency resolution or variable modulus
for subhertz exact frequency resolution.
A complete PLL is implemented when the synthesizer is used
with an external loop filter and voltage controlled oscillator
(VCO). The 26.5 GHz bandwidth eliminates the need for a
frequency doubler or divider stage, simplifying system
architecture and reducing cost. The ADF41513 is packaged in a
compact, 24-lead, 4 mm × 4 mm LFCSP.
FUNCTIONAL BLOCK DIAGRAM
LOCK
DETECT
CP
DATA
LE
32-BIT
DATA
REGISTER
CLK
GND
RDIV
AVDD
SDOUT
N
AVDD1
AVDD1
AVDD2
AVDD3
AVDD4
AVDD5
CREG1
GND
CREG2
VP
CE
RFINA
RFINB
OUTPUT
MUX
MUXOUT
–
+
HIGH-Z
PHASE
FREQUENCY
DETECTOR
ADF41513
25-BIT FIXED/49-BIT VARIABLE
FRACTIONAL INTERPOLATOR
FRACTION
VALUE
INTEGER
VALUE
CHARGE
PUMP
1.8V
REGULATOR
TXDATA
REFERENCE
RSET
REFIN
×2
DOUBLER
5-BIT
R COUNTER
÷2
DIVIDER
MODULUS
225 VALUE
N COUNTER
+
–
DLD
DC1
DC2
Figure 1.


Similar Part No. - ADF41513BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
More results

Similar Description - ADF41513BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
logo
Texas Instruments
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com