Electronic Components Datasheet Search
  English  ▼

X  

HM1232 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1232
Description  HM1232 POWER SUPPLY CONTROL CHIP WITH BUILT-IN WATCHDOG TIMER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1232 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1232 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1232 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HM1232
2
Operating temperature range: from - 10 to + 70°
Table 1 – Recommended operating conditions
Symbol
Parameter
Typical
Units
Min
Max
V
Supply voltage
4.5
5.5
V
VIH
Input voltage, high level
2.0
V +0.3
V
VIL
Input voltage, low level
-0.3
0.8
V
A
Operating temperature range
-10
+70
°
Table 2 – Absolute maximum ratings
Symbol
Parameter
Typical
Units
Min
Max
V
Supply voltage
-
7.0
V
VIH
Input voltage, high level
-
7.0
V
VIL
Input voltage, low level
-1.0
-
V
Tstg
Storage temperature
-60
+125
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com