Electronic Components Datasheet Search
  English  ▼

X  

HM2506 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2506
Description  single-chip bi-directional motor driver CMOS IC for low-voltage applications.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2506 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2506 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2506 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2506 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2506 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2506 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2506 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
6. ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Rating
Symbol
Parameter
Rating
Unit
VDD - VSS
Supply voltage
-0.5 ~ +7.0
V
IOUT-PEAK
Output peak current
1.2
A
θJA
Thermal resistance
(Junction to Ambient)
SOT23-6
180
°C/W
SOP-8
150
PD
Power dissipation
SOT23-6
0.75
W
SOP-8
0.9
TA
Operating ambient temperature
-40 ~ +85
°C
TJ
Operating junction temperature
+160
°C
TST
Storage temperature
-55 ~ +150
°C
6.2 DC Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VDD
Operating voltage
1.8
6.4
V
ISB
Standby current
0.1
1
uA
IN1=IN2=0
IOP
Operating
current
VDD = 3.0V
80
uA
IN1=1, IN2=0 or
IN1=0, IN2=1 or
IN1=1, IN2=1
VDD = 4.5V
110
uA
IIH
Input high current
(12kΩ pull-low resistance)
250
uA
VIH = 3.0V
370
uA
VIH = 4.5V
VIH
Input high voltage
2.0
V
VIL
Input low voltage
0.8
V
RON
Output resistance
(SOT23-6 Package)
0.71
Ω
IOUT = 200mA
0.77
Ω
IOUT = 500mA
0.90
Ω
IOUT = 800mA
Output resistance
(SOP-8 Package)
0.70
Ω
IOUT = 200mA
0.74
Ω
IOUT = 500mA
0.85
Ω
IOUT = 800mA
IOUT
Output continuous current
(* with PCB heat dissipation)
800
950*
mA
SOT23-6
900
1050*
mA
SOP-8
IPULSE
Pulsed drain current
2.5
A
Pulse width < 20ms
TRISE
Output rise time
400
ns
PWM=20kHz, Duty=50%
TFALL
Output fall time
150
ns
TRP
Input-to-Output response time
460
ns
TTSD
Thermal shutdown (TSD)
160
°C
Junction temperature
TTSDH
Thermal shutdown hysteresis
30
°C
(VDD=4.5V, TA=25ºC, unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com