Electronic Components Datasheet Search
  English  ▼

X  

CS4351 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4351
Description  192 kHz STEREO DAC WITH 2 Vrms LINE OUT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4351 Datasheet HTML 1Page - Cirrus Logic CS4351 Datasheet HTML 2Page - Cirrus Logic CS4351 Datasheet HTML 3Page - Cirrus Logic CS4351 Datasheet HTML 4Page - Cirrus Logic CS4351 Datasheet HTML 5Page - Cirrus Logic CS4351 Datasheet HTML 6Page - Cirrus Logic CS4351 Datasheet HTML 7Page - Cirrus Logic CS4351 Datasheet HTML 8Page - Cirrus Logic CS4351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
CS4351
2
DS566PP2
Table 1. Revision History
Release
Date
Changes
A1
July 2003
Initial Release
A2
August 2003
Added I2C/SPI switching characterics
A3
November 2003 removed “Confidential”, moved legal statement to last page
PP1
June 2004
Updated Legal.
Updated Analog Performance specifications (Typ is improved).
Consolidated speed mode performance for analog performance.
Updated Current Consumption specifications (Typ and Min/Max increased).
Updated PSRR (improved Typ performance for 60 Hz).
Reduced recommended VBIAS+ capacitor in Typical Connection Diagram (to
improve startup settling times).
Changed bit 0 (POPG) in register 07h to reserved (must always be 1).
PP2
Sep 2004
Update w/ lead-free device ordering info.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com