Electronic Components Datasheet Search
  English  ▼

X  

ADM3055EBRIZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADM3055EBRIZ
Description  Signal and Power Isolated, CAN Transceivers for CAN FD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3055EBRIZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM3055EBRIZ Datasheet HTML 11Page - Analog Devices ADM3055EBRIZ Datasheet HTML 12Page - Analog Devices ADM3055EBRIZ Datasheet HTML 13Page - Analog Devices ADM3055EBRIZ Datasheet HTML 14Page - Analog Devices ADM3055EBRIZ Datasheet HTML 15Page - Analog Devices ADM3055EBRIZ Datasheet HTML 16Page - Analog Devices ADM3055EBRIZ Datasheet HTML 17Page - Analog Devices ADM3055EBRIZ Datasheet HTML 18Page - Analog Devices ADM3055EBRIZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM3055E/ADM3057E
Rev. A | Page 15 of 24
54
40
42
44
48
52
46
50
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 15. tTXD_REC vs. Temperature
125
100
105
110
120
115
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 16. tLOOP_FALL vs. Temperature (RSLOPE = 0 Ω)
200
130
140
150
180
160
190
170
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE (°C)
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 17. tLOOP_FALL vs. Temperature (RSLOPE = 47 kΩ)
135
100
105
110
115
120
125
130
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 18. tLOOP_RISE vs. Temperature (RSLOPE = 0 Ω)
260
210
215
220
225
230
235
240
245
250
255
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
VIO = 5.0V
VIO = 3.3V
VIO = 2.5V
VIO = 1.8V
Figure 19. tLOOP_RISE vs. Temperature (RSLOPE = 47 kΩ)
2.40
2.10
2.15
2.20
2.25
2.30
2.35
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
Figure 20. Differential Output Voltage (VOD) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com