Electronic Components Datasheet Search
  English  ▼

X  

KMB239 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # KMB239
Description  Universal SCR Trigger Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

KMB239 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  KMB239 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vout microsecond integral
Pulse width (D=1:2)
Ratio
Input amplitude
Output amplitude
Load impedance
Leading edge time
Main circuit operating voltage
Weight
Universal SCR Trigger Transformer
Model:KMB239
characteristics:
It uses toroidal core to replace foreign similar products.It is
used to drive SCR,IGBT and signal isolation transmission.
Technical indicators:
Installation method :PCB
Flame resistance:UL94-V0
Operating temperature:-20℃~+50℃
Storage temperature:-40℃~+85℃
Frequency range:10KHz~200KHz
Dielectric strength:2.5KV 50Hz 1min
Electrical parameters:
Dimensions(in mm):
Connection diagram:
400
≥50
1:1
8
>
5
20
≤3
≤380
13.7
μvs
μs
V
V
Ω
μs
V
g
www.yhdc.com
Email:yhdc@yhdc.com
Side View
Bottom View
15
1
4
6
5
7
Φ0.8
mark
4
6
7
1


Similar Part No. - KMB239

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KMB23F ZSELEC-KMB23F Datasheet
394Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB23S ZSELEC-KMB23S Datasheet
393Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - KMB239

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
KMB229-111 YHDC-KMB229-111 Datasheet
605Kb / 1P
Universal SCR Trigger Transformer
KMB229-211 YHDC-KMB229-211 Datasheet
604Kb / 1P
Universal SCR Trigger Transformer
KMB255-101 YHDC-KMB255-101 Datasheet
807Kb / 1P
Universal SCR Trigger Transformer
KMB281-101 YHDC-KMB281-101 Datasheet
722Kb / 1P
Universal SCR Trigger Transformer
KMB418-079 YHDC-KMB418-079 Datasheet
575Kb / 1P
Universal SCR Trigger Transformer
KMB418-080 YHDC-KMB418-080 Datasheet
585Kb / 1P
Universal SCR Trigger Transformer
KMB418-114 YHDC-KMB418-114 Datasheet
586Kb / 1P
Universal SCR Trigger Transformer
KMB418-201 YHDC-KMB418-201 Datasheet
576Kb / 1P
Universal SCR Trigger Transformer
KMB418-211S YHDC-KMB418-211S Datasheet
633Kb / 1P
Universal SCR Trigger Transformer
KMB418-301 YHDC-KMB418-301 Datasheet
576Kb / 1P
Universal SCR Trigger Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com