Electronic Components Datasheet Search
  English  ▼

X  

SMF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF
Description  Surface Mount Transient Voltage Suppressor Power 200W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• For surface mounted applications in order to
optimize board space.
• Low profile package
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory
Flammability
MECHANICAL DATA
▪Case: SOD-123FL
▪Terminals: Solderable per MIL-STD-750, Method 2026
▪Approx. Weight:15mg 0.00048oz
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Simplified outline sSOD-123FL and symbol
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.
°C
Parameter
Peak Pulse Power Dissipation on TA=2
(Note 1,2,5, Fig1)
5
°C
Symbol
Value
Unit
PPPM
200
W
Peak Forward Surge Current (Note 3)
IFSM
(UNI)
20
A
Peak Pulse Current on 10/1000 us waveform (Note 1 Fig 2
)
IPPM
see Table 1
NOTES
1. Non-repetitive current pulse per Fig 3 and derated above T =25
per Fig 2
A
2
2. Mounted on 5mm copper pads to each terminal
3. 8.3ms single half sinewave, or equivalent square wave duty cycle=4 pulses per minutes maximum
4. lead temperature at TL
5. Peak pulse powe. waveform is tp=10/1000us
6. A transient suppressor is selected according to the working peak reverse voltage(V
), Which Should be
RWM
equal to or greater than the DC or continuous peak operating voltage level
°C
°C
=75
A
Steady State Power Dissipation (Note 4)
PM(AV)
1
W
Operating Junction and Storage Range
TJ,TSTG
Typical Thermal Resistance
RθJA
-55 to +150
180
°C
°C
Unipolar
Bipolar
1
2
Surface Mount Transient Voltage Suppressor Power 200W
SMF Series
http://www.trr-jx.com
version: 02


Similar Part No. - SMF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Taiwan Semiconductor Co...
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMF5.0AH TSC-SMF5.0AH Datasheet
468Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com