Electronic Components Datasheet Search
  English  ▼

X  

HM5062 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5062
Description  Two Channels Integrated Power Management IC for Handheld Portable Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5062 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5062 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5062 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
E
Elleeccttrriiccaall C
Chhaarraacctteerriissttiiccss ((O
OU
UTT22))
VPRO = 3.6V, COUT2 = 1µF, TA = 25°C, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Range
2
5.5
V
TA=25℃
-1.2
VOUT2,3
+2
Output Voltage Regulation
Accuracy
TA = -40℃ to + 85℃
-2.5
VOUT2,3
+3
%
Regulator Enabled
50
Supply Current Per Output
Regulator Disabled
0
µA
FB2 Voltage
1.212
V
Output Current Limit
300
mA
Stable COUT2 Range
1
20
µF
Thermal
Shutdown
Temperature
Temperature Rising
160
℃
Thermal
Shutdown
Hysterics
Temperature Falling
20
℃
P
Piinn D
Deessccrriippttiioonn
SW (PIN1):
Switching node Output for OUT1. Connect this pin to the switching end of the inductor.
GND (PIN2):
Power Ground. It is as close to the IC as possible.
VOUT2 (PIN3):
Output voltage for OUT2. It is capable of delivering up to 300mA of output current.
Output has high impedance when disabled.
FB2 (PIN4):
Output Feedback Sense for OUT2. Receives the feedback voltage from an external
resistive divider across the output. The output voltage for OUT2 is set by a resistive divider according to
the following formula: VOUT2 = 1.212V • [1 + (R3/R4)].
PRO (PIN5):
Power input for OUT2. Bypass to GND with a high quality ceramic capacitor placed as
close as possible to the IC.
EN (PIN6):
Enable control input for OUT1, OUT2. Drive EN to the VIN or a logic high for normal
operation, drive EN to GND or a logic low to disable OUT1, OUT2.
VIN (PIN7):
Power Input for OUT1. Bypass to GND with a high quality ceramic capacitor placed as
close as possible to the IC.
FB1 (PIN8):
Output Feedback Sense for OUT1. Receives the feedback voltage from an external
resistive divider across the output. The output voltage for OUT1 is set by a resistive divider according to
the following formula: VOUT1 = 0.625V • [1 + (R1/R2)].
HM5062



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com