Electronic Components Datasheet Search
  English  ▼

X  

HM5102 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5102
Description  Tact switch LED flashlight driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5102 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5102 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5102 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
电特性
( V
DD=4.5V,TA = 25°C,XPE 3WLED除非特别说明)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入电源电压
VDD
2.5
3.8
5
V
静态电流
ISB
SLEEP模式
2
μA
空载电流
IOP
24
μA
工作电流
IIN
1.8
A
功率FET导通电阻
RDS(ON)
VLX=0.2V , ILX=1.5A
85
mΩ
25%亮工作频率
F25%
270
Hz
暴闪频率
FFLASH
2/8
Hz
KEY输入电流
IIL
180
μA
KEY输入低电平
VTEMP-H
30
%VDD
KEY输入高电平
VTEMP-L
70
%VDD
内部功能框图
VDD
VEF
LX
4
LOGIC
Drive
6
GND
2
5
KEY
OSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com