Electronic Components Datasheet Search
  English  ▼

X  

M61519FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61519FP
Description  4ch Electronic Volume with 5.1ch Analog Input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61519FP Datasheet HTML 1Page - Renesas Technology Corp M61519FP Datasheet HTML 2Page - Renesas Technology Corp M61519FP Datasheet HTML 3Page - Renesas Technology Corp M61519FP Datasheet HTML 4Page - Renesas Technology Corp M61519FP Datasheet HTML 5Page - Renesas Technology Corp M61519FP Datasheet HTML 6Page - Renesas Technology Corp M61519FP Datasheet HTML 7Page - Renesas Technology Corp M61519FP Datasheet HTML 8Page - Renesas Technology Corp M61519FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
M61530FP
Rev.1.0, Sep.19.2003, page 3 of 18
Block diagram with pin connections
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
FR_LPFOUT
FR_LPFIN
SL_EXTIN
SL_VOLIN
SL_LPFOUT
SL_LPFIN
SR_EXTIN
SR_VOLIN
SR_LPFOUT
SR_LPFIN
C_VOLIN
C_LPFOUT
C_LPFIN
LFE_VOLIN
SW_IN
VCC
DATA
CLOCK
FL_LPFOUT
FL_LPFIN
R_LPFIN
R_LPFOUT
L_LPFOUT
L_LPFIN
REFIN
REFOUT
FL_OUT
FR_IN
FR_OUT
SL_BB1
SL_BB2
SL_OUT
SR_BB1
SR_BB2
SR_OUT
C_OUT
24
23
22
19
20
21
GND
TEST
AGC
SW_OUT
SW_LPFIN
SW_LPFOUT
0 to -87dB,-
∞
0 to -87dB,-
∞
0 to -87dB ,-
∞
0 to -87dB,-
∞
AGC
Microcomputer I/F
Lch LPF amp
Rch LPF amp
FLch LPF amp
FRch LPF amp
FR input gain control
0,+5,+10dB
FL input gain control
0,+5,+10dB
SW output-gain control
0,+6,+9,+12dB
SLch LPF amp
SRch LPF amp
Cch LPF amp
SL ch volume
SRch volume
Cch volume
LFEch volume
+6dB
+6dB
+6dB
FL output SW
FR output SW
ON
OFF
SRVOL input SW
SLVOLXY input SW
ON/OFF
ON/OFF
VREFamp
SWchLPF amp
Bass booster
Bass booster
Bass booster
Bass booster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com