Electronic Components Datasheet Search
  English  ▼

X  

HM6002 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6002
Description  Flashlight LED driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6002 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6002 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6002 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
引脚信息
SOT89-3
管教
名称
功能描述
1
GND
接
地
2
VDD
电源端
3
LX
功率开关漏极
绝对最大额定范围
描述
范围
单位
电源电压
( VDD )
-0.3 ~ 4.2
V
其它引脚
-0.3 ~ VDD+0.3
V
存储结温
-65 to +125
°C
焊接温度
260(10s)
°C
静态放电(
ESD)
HBM ( Human Body Mode )
2000
V
MM (Machine Mode )
200
V
注 1:超过上表中规定的极限参数会导致器件永久性损坏。而工作在以上极限条件下可能会影响器件的可靠性。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com