Electronic Components Datasheet Search
  English  ▼

X  

HM6287 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6287
Description  Built-in 100V power MOS step-up LED constant current driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6287 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6287 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6287 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电特性(除非特别说明,VDD =5.5V,TA=25oC)
参数
符号
测试条件
最小值
典型值
最大值
单位
电源电压
VDD 钳位电压
VDD
IVDD<10mA
5.5
V
欠压保护电压
VDD_UVLO
VDD上升
3.2
V
欠压保护迟滞
VDD_HYS
0.5
V
电源电流
工作电流
IOP
FOP =200KHz
1.3
mA
待机输入电流
IINQ
无负载,
EN 为低电平
200
uA
输入峰值电流采样
过流保护阈值
VCS_TH
240
250
260
mV
输出电流采样
FB 脚电压
VFB
240
250
260
mV
关断时间
最小关断时间
TOFF_MIN
TOFF 脚无外接电容
620
ns
EN 使能端输入
EN 端输入高电平
0.4*VDD
V
EN 端输入低电平
0.8
V
内置
MOS 管
MOS 管耐压
VDS
100
V
MOS 管导通内阻
RDSON
VGS=5V
120
mΩ
过温保护
过温调节
OTP_TH
135
oC
HM6287
内置 100V 功率 MOS 升压型 LED 恒流驱动器



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com