Electronic Components Datasheet Search
  English  ▼

X  

BD159 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD159
Description  POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD159 Datasheet(HTML) 2 Page - ON Semiconductor

  BD159 Datasheet HTML 1Page - ON Semiconductor BD159 Datasheet HTML 2Page - ON Semiconductor BD159 Datasheet HTML 3Page - ON Semiconductor BD159 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD159
2
Motorola Bipolar Power Transistor Device Data
25
20
15
10
5.0
0
20
40
60
80
100
120
140
160
Figure 1. Power–Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
1.0
10
Figure 2. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.8
0.6
0.4
0.2
0
20
30
50
100
200 300
500
VBE @ VCE = 10 V
VCE(sat) @ IC/IB = 10
TJ = + 25°C
VBE @ IC/IB = 10
IC/IB = 5.0
1.0
10
Figure 3. DC Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.01
20
30
50
100
300
200
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
0.03
0.02
TJ = 150°C
dc
500
µs
10
µs
1.0 ms
The Safe Operating Area Curves indicate IC – VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the ap-
plicable Safe Area to avoid causing a catastrophic failure. To
insure operation below, the maximum TJ, power–tempera-
ture derating must be observed for both steady state and
pulse power conditions.
Figure 4. Current Gain
IC, COLLECTOR CURRENT (mAdc)
10
1.0
2.0
3.0
5.0
10
20
30
50
100
200
300
500
300
200
70
30
20
TJ = 150°C
50
100
+ 100
°C
+ 25
°C
– 55
°C
7.0
70
VCE = 10 V
VCE = 2.0 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com