Electronic Components Datasheet Search
  English  ▼

X  

HM8005 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8005
Description  Single chip electronic cigarette controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8005 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8005 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8005 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8005 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8005 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8005 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8005 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
H
2/6
脚位定义图及说明
引脚序号
功能
描述
1
NC
空
2
5V
5V 充电输入端
3
IPROG
充电电流设置
4
FB
输出采样
5
LED1/KEY
指示灯 1/按键
6
LED2
指示灯 2
7
LED3
指示灯 3
8
GND
地
9
TIME
吸烟时间设定
10
ILED
LED 手电电流调节
11
C2/RS
泵电容 2/负载设定
12
C1
泵电容 1
13
GATE
MOS 管驱动
14
VOUT
输出
15
BTP
电池端
16
NC
空
功能模块
5V
BTP
GND
LED1/KEY
指示电路
GATE
输出调节
C1
C2/
RS
驱动输出
充电电路
泵电路
控制中心
LED3
LED2
IPROG
负
载
识
别
C2/RS
FB
GND
LED3
LED2
VOUT
TIME
LED1/KEY
5V
BTP
C1
GATE
NC
NC
IPROG
ILED
1
3
4
2
5
6
7
8
9
10
11
12
13
14
15
16
HMSOP16
HM8005
单芯片电子烟控制器



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com