Electronic Components Datasheet Search
  English  ▼

X  

HM8008S Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8008S
Description  Chip electronic cigarette controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8008S Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8008S Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8008S Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S
3
/6
典型参数
(除特殊说明外,所有参数均在室温下测得,并以
GND 端电位为 0 电位)
符号
特性
测试条件
单位
Min
Typ
Max
系统参数
VIN
输入电压范围
V
4.5
5
5.5
Vbat
电池电压
V
2.7
4.3
Iled
LED 驱动电流
BAT=3.8V
mA
3.5
Ven
EN 控制有效电平
V
1.5
2
5.5
充电参数
Vfloat
浮充门槛电压
Ich=1000mA
V
4.18
4.22
4.26
VTRKL
涓流转恒流
VBAT 从低到高
V
2.8
VTRHYS
涓流充电迟滞电压
mV
100
V
RECHG
复充门槛电压
V
4.1
Vprog1
涓流时 PROG 电压
V
0.1
Vprog2
大电流时 PROG 电压
V
1
FLED
充电时 LED 闪烁频率
Hz
2
放电参数
VOUT
输出电压
BAT=3.8V,
Rload=0.1A
V
5.34
5.5
5.67
Ton
吸烟时间
BAT=3.8V,
Rload=1.5Ω
S
13
15
17
VUVLO
放电欠压保护
BAT 由高到低,
BAT=3.8V
Rload=1.5Ω
V
2.7
Pout
输出功率*
BAT=3.8V,
Rload=1.5Ω
W
14
16
VUVLO_R
放电欠压恢复
BAT 由低到高
V
3.2
IBAT
SLEEP
uA
8
10
Totc
过温降流温度
degC
120
130
140
OTP
过温保护
degC
140
150
160
OTP_HYS
过温恢复迟滞
degC
30
*本芯片过热后采用自动降功率机制,最终会稳定于 10W 左右的平衡值.
芯片电子烟控制器
H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com