Electronic Components Datasheet Search
  English  ▼

X  

RTL8101 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RTL8101
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8101 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RTL8101 Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 39Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 40Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 41Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 42Page - List of Unclassifed Manufacturers RTL8101 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
39
BIST: Built-in Self Test
Reads will return a 0, writes are ignored.
IOAR: This register specifies the BASE IO address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into IO space.
Bit
Symbol
Description
31-8
IOAR31-8 BASE IO Address: This is set by software to the Base IO address for the operational register map.
7-2
IOSIZE
Size Indication: Read back as 0. This allows the PCI bridge to determine that the RTL8100B(L)
requires 256 bytes of IO space.
1
-
Reserved
0
IOIN
IO Space Indicator: Read only. Set to 1 by the RTL8100B(L) to indicate that it is capable of being
mapped into IO space.
MEMAR: This register specifies the base memory address for memory accesses to the RTL8100B(L) operational registers. This
register must be initialized prior to accessing any of the RTL8100B(L)'s register with memory access.
Bit
Symbol
Description
31-8
MEM31-8 Base Memory Address: This is set by software to the base address for the operational register map.
7-4
MEMSIZE Memory Size: These bits return 0, which indicates that the RTL8100B(L) requires 256 bytes of
Memory Space.
3
MEMPF
Memory Prefetchable: Read only. Set to 0 by the RTL8100B(L).
2-1
MEMLOC Memory Location Select: Read only. Set to 0 by the RTL8100B(L). This indicates that the base
register is 32-bit wide and can be placed anywhere in the 32-bit memory space.
0
MEMIN
Memory Space Indicator: Read only. Set to 0 by the RTL8100B(L) to indicate that it is capable of
being mapped into memory space.
SVID: Subsystem Vendor ID. This field will be set to a value corresponding to PCI Subsystem Vendor ID in the external
EEPROM. If there is no EEPROM, this field will default to a value of 10ECh which is Realtek Semiconductor's PCI
Subsystem Vendor ID.
SMID: Subsystem ID. This field will be set to value corresponding to PCI Subsystem ID in the external EEPROM. If there is no
EEPROM, this field will default to a value of 8139h.
BMAR: This register is disabled in the RTL8100B(L).
ILR: Interrupt Line Register
The Interrupt Line Register is an 8-bit register used to communicate with the routing of the interrupt. It is written by the
POST software to set interrupt line for the RTL8100B(L).
IPR: Interrupt Pin Register
The Interrupt Pin register is an 8-bit register indicating the interrupt pin used by the RTL8100B(L). The RTL8100B(L)
uses INTA interrupt pin. Read only. IPR = 01H.
MNGNT: Minimum Grant Timer: Read only
Specifies how long a burst period the RTL8100B(L) needs at 33 MHz clock rate in units of 1/4 microsecond. This field will
be set to a value from the external EEPROM. If there is no EEPROM, this field will default to a value of 20h.
MXLAT: Maximum Latency Timer: Read only
Specifies how often the RTL8100B(L) needs to gain access to the PCI bus in units of 1/4 microseconds. This field will be
set to a value from the external EEPROM. If there is no EEPROM, this field will default to a value of 20h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com