Electronic Components Datasheet Search
  English  ▼

X  

NJM2890 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2890
Description  2ch LOW DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2890 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2890 Datasheet HTML 1Page - New Japan Radio NJM2890 Datasheet HTML 2Page - New Japan Radio NJM2890 Datasheet HTML 3Page - New Japan Radio NJM2890 Datasheet HTML 4Page - New Japan Radio NJM2890 Datasheet HTML 5Page - New Japan Radio NJM2890 Datasheet HTML 6Page - New Japan Radio NJM2890 Datasheet HTML 7Page - New Japan Radio NJM2890 Datasheet HTML 8Page - New Japan Radio NJM2890 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NJM2890
TYPICAL APPLICATION
1 In the case where ON/OFF Control is not required:
NJM2890
VIN1
VOUT1
CONTROL
NOISE
BYPASS1
GND
VOUT2
NOISE
BYPASS2
GND
VIN2
CONTROL
0.1
µF
Cp=0.01
µF
Cp=0.01
µF
VIN1
0.1
µF
VIN2
VOUT1
VOUT2
R
(0
∼300kΩ)
R
(0
∼300kΩ)
*3
Vo
≤2.6V version: Co=2.2µF
1.0
µF*3
1.0
µF*3
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum
operating voltage. For further information, please refer to Figure “Output Voltage vs. Control Voltage”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com