Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1031
Description  Three-Channel, Isolated Micropower Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 16Page - Analog Devices ADP1031 Datasheet HTML 17Page - Analog Devices ADP1031 Datasheet HTML 18Page - Analog Devices ADP1031 Datasheet HTML 19Page - Analog Devices ADP1031 Datasheet HTML 20Page - Analog Devices ADP1031 Datasheet HTML 21Page - Analog Devices ADP1031 Datasheet HTML 22Page - Analog Devices ADP1031 Datasheet HTML 23Page - Analog Devices ADP1031 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADP1031
Data Sheet
Rev. 0 | Page 20 of 37
CH1 50mV
CH2 100mA
M2.00µs
A CH2
36.0mA
T
595.000µs
B
W
B
W
CH3 10.0V BW
1
2
3
VSW3
ISW3
VOUT3
Figure 46. Inverting Regulator Discontinuous Conduction Operation
Showing IL3, Switch Node Voltage, and Output Ripple, TA = +25°C,
VOUT1 = +24 V, VOUT3 = −15 V, IOUT3 = −20 mA
CH1 5.00mA
CH2 200mV
M2.00ms A CH1
4.40mA
T
6.0100ms
B
W
B
W
CH3 20.0V
B
W
1
2
3
IOUT3
VOUT3
VSW3
Figure 47. Inverting Regulator Load Transient Response, VOUT1 = +24 V,
VOUT3 = −15 V, IOUT2 = −0.3 mA to −7 mA Step, TA = +25°C
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 48. IMVDD Supply Current per SPI Input vs. Data Rate at Various Supply
Voltages, MSS Is Low, Clock Signal Applied on Single SPI Channel, Other
Input Channels Tied Low
CH1 1.00V
CH2 200mA
M200µs
A CH2
60.0mA
T
698.000µs
B
W
B
W
CH3 10.0V BW
1
2
3
ISW3
VOUT3
VSW3
Figure 49. Inverting Regulator Short-Circuit Current Limit During Startup,
VOUT1 = +24 V, VOUT3 = SGND2, TA = +25°C
CH1 5.00mA
CH2 500mV
M2.00ms A CH1
4.40mA
T
6.0100ms
B
W
B
W
CH3 20.0V
B
W
1
2
3
IOUT3
VOUT3
VSW3
Figure 50. Inverting Regulator Load Transient Response, VOUT1 = +6 V,
VOUT3 = −15 V, IOUT2 = −0.3 mA to −7 mA Step, TA = +25°C
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 51. ISVDD1 Supply Current per SPI Input vs. Data Rate at Various Supply
Voltages, SSS Is Low, Clock Signal Applied on Single SPI Channel, Other Input
Channels Tied Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com