Electronic Components Datasheet Search
  English  ▼

X  

ADP2450 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2450
Description  Power Management IC for Circuit Breaker Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2450 Datasheet HTML 17Page - Analog Devices ADP2450 Datasheet HTML 18Page - Analog Devices ADP2450 Datasheet HTML 19Page - Analog Devices ADP2450 Datasheet HTML 20Page - Analog Devices ADP2450 Datasheet HTML 21Page - Analog Devices ADP2450 Datasheet HTML 22Page - Analog Devices ADP2450 Datasheet HTML 23Page - Analog Devices ADP2450 Datasheet HTML 24Page - Analog Devices ADP2450 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
ADP2450
Rev. A | Page 21 of 39
CH1 5.00V BW
CH3 2.00V BW CH4 200mA BW
CH2 2.00V BW M1.00ms
CH1
3.20V
1M PTS
T
2.568000ms
3
1
2
4
T
RSTO
VOUT1
VOUT2
IOUT2
Figure 59. Buck Regulator Soft Start with Full Load
(VOUT2 = 3.3 V, Adjustable Version)
CH1 2.00V BW
CH3 10.0V BW CH4 1.00A BW
M1.00ms
CH1
2.92V
1M PTS
T
2.990000ms
3
1
4
SW
VOUT2
IOUT2
T
Figure 60. Buck Regulator OCP Triggered
CH2 200mV
B
W
CH4 200mA BW
M200µs
CH4
236mA
1M PTS
T
598.0000µs
2
4
VOUT2 (AC)
IOUT2
T
Figure 61. Buck Regulator Load Transient (50 mA to 450 mA)
CH1 5.00V BW
CH3 2.00V BW CH4 200mA BW
CH2 5.00V BW M400µs
CH1
4.40V
1M PTS
T
680.0000µs
3
1
2
4
T
RSTO
VOUT1
VOUT2
IOUT2
Figure 62. Buck Regulator Soft Start with Full Load
(VOUT2 = 5 V, Fixed Version)
CH1 2.00V BW
CH3 10.0V BW CH4 1.00A BW
M1.00ms
CH1
2.92V
1M PTS
T
2.590000ms
3
1
4
SW
VOUT2
IOUT2
T
Figure 63. Buck Regulator OCP Recovery
CH2 50.0mV
B
W
CH3 10.0V BW
CH1 10.0V BW
M2.00ms
CH1
21.0V
1M PTS
T
4.716000ms
2
3
1
VOUT2 (AC)
VIN
SW
T
Figure 64. Buck Regulator Line Transient, VIN from 8 V to 24 V, Full Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com