Electronic Components Datasheet Search
  English  ▼

X  

ADPD2140 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD2140
Description  Infrared Light Angle Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD2140 Datasheet HTML 4Page - Analog Devices ADPD2140 Datasheet HTML 5Page - Analog Devices ADPD2140 Datasheet HTML 6Page - Analog Devices ADPD2140 Datasheet HTML 7Page - Analog Devices ADPD2140 Datasheet HTML 8Page - Analog Devices ADPD2140 Datasheet HTML 9Page - Analog Devices ADPD2140 Datasheet HTML 10Page - Analog Devices ADPD2140 Datasheet HTML 11Page - Analog Devices ADPD2140 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADPD2140
Data Sheet
Rev. 0 | Page 10 of 12
EVALUATION BOARD SCHEMATIC AND LAYOUT
Q3A AND Q4A ARE LARGER PACKAGE
ALTERNATE HIGHER POWER PNP DRIVERS FOR
Q3 AND Q4. QX FITS INSIDE QXA'S PCB FOOTPRINT
ADPD1080
ADPD2140
NARROW ANGLE 1A LED DRIVER
WIDE ANGLE 3A LED DRIVER
ON-CHIP LED DRIVER
DNI
SFH 4046
DNI
10µF
ADPD1080BCPZ
10µF
1µF
100Ω
0.1µF
4.7kΩ
4.7kΩ
50Ω
GEN_DFN8_2X3_PAD1_59X1_89
GEN_DFN8_2X3_PAD1_59X1_89
0.1µF
22µF
22µF
6.8Ω
100Ω
2.2Ω
1Ω
MMBT5401
ZXTN2010G
100Ω
2.2Ω
VSMY2850G
VSMY2850G
2.2µF
6.8Ω
VSMY2850G
1Ω
MMBT5401
SFH 4716AS
2.2µF
22µF
ZXTN25020BFHTA
100Ω
ZXTN2010G
ZXTN25020BFHTA
VSMY2850G
0Ω
SFH 4046
R16
DS6
C3
C7
C2
C4
R9
R8
E1
U2
U3
C5
U1
C1
C8
R4
C6
R12
R5
R17
R7
Q3
R11
Q4A
DS2
C10
DS1
R2
R10
D1
Q3A
C9
Q1
R3
Q2
Q4
R6
DS3
DS4
DS5
LEDX3
VDD_3V
VDD_3V
GND_LOCAL
PD1
GND_LOCAL
GND_LOCAL
GND_LOCAL
LEDX2
PD_COMM
DUT_SDA
PD8
PD6
PD5
GND_LOCAL
DUT_SCL
PD7
PD4
PD3
PD2
VDD_1.8V
VDD_1.8V
DUT_SCL
VDD_1.8V
DUT_SDA
GND_LED
PD_COMM
PD_COMM
PD_COMM
PD_COMM
PD1
PD4
PD3
PD2
PD8
PD7
PD6
PD5
LEDX3
LEDX1
DUT_GPIO1
VDD_1.8V
DUT_GPIO0
GND_LOCAL
GND_LOCAL
GND_LOCAL
GND_LED
GND_LED
GND_LED
VLED
VDD_3V
BASE2
LEDX3
VLED
BASE1
LEDC
LEDX2
BASE2
BASE1
LEDX1
VLED
VDD_3V
3
7
13
15
14
27
9
6
10
12
5
8
12
2
3
1
5
7
8
4
6
1
3
7
8
4
5
6
2
28
11
25
24
23
2
1
3
1
3
2
1
2
A
C
3
42
3
2
C
A
2
1
1
2
3
3
1
1
4
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SPARE PIN
SDA
SCL
LEDX2
LEDX3
LEDX1
PD8
PD7
PD6
PD5
PDC
PD4
PD3
PD2
PD1
AVDD
VREF
DVDD
GPIO1
GPIO0
EEPROM
TEST POINTS
CONNECTOR 1
CONNECTOR 2
USE VLDO3 TO SUPPLY 3V IF VLDO1 IS SET TO 1.8V
R18 OVERLAP WITH JP6
0Ω
DF40HC(2.5)-20DS-0.4V(51)
M24C16-DFCU6TP/K
DF40HC(2.5)-20DS-0.4V(51)
0Ω
0Ω
0Ω
BLK
BLK
BLKBLK
M24C02-RDW6TP
DNI
DNI
69157-102HLF
DNI
BLK
BLK
TSW-103-08-G-S
3PIN_JUMPER
R1
JP1
P2
R14
P1
R20
SDA
GPIO1VCC
P1
U4
GPIO0
GND
P3
P4
SCL
U4A
R19
P2
VLED
VBOOST
CONN2_WAKE3/TMR2_OUT/P2_1
VLDO1/IOVDD
VDD_3V
VLDO3
CONN1_SPI1_CS3/P1_10
CONN1_ADC0_VIN1/P2_4
DUT_MISO
CONN2_ADC0_VIN2/P2_5
CONN2_SPI2_MOSI/P1_3
CONN2_SPI2_CS0/P1_5
CONN2_UART_TX
CONN2_SW_DATA
CONN2_IOVDD
VDD_1.8V_LDO2
VBOOST
DUT_MOSI
DUT_CS_N
DUT_INT_ADXL
DUT_LED_SEL
DUT_SCL
DUT_SDA
GND_LOCAL
VLDO1/IOVDD
DUT_SCL
VLDO1/IOVDD
CONN1_SPI1_CS1/P2_11
VDD_1.8V_LDO2
VDD_1.8V_LDO2
VDD_1.8V
SYS_BMODE/P1_1
CONN2_SW_CLK
VLDO2
DUT_SCL
GND_LOCAL DUT_SDA
GND_LOCAL
DUT_SDA
DUT_SDA
GND_LOCAL
VDD_1.8V
VDD_1.8V
DUT_SCLK
VLDO2
DUT_GPIO0
DUT_GPIO0
GND_LOCAL
VBOOST
CONN2_ADXL364_ADC
VBUCK
CONN2_UART_RX
SYS_HWRST
VLDO3
DN
VLED
LEDC
VDD_3V
LEDX3
GND_LED
DUT_GPIO1
DUT_SCL
VDD_1.8V
CONN2_BPR0_TONE_P/SPI2_CS1/P0_9
CONN2_SPI2_MISO/P1_4
CONN2_SPI2_CLK/P1_2
CONN2_BPR0_TONE_N/P0_8
VLDO1/IOVDD
1
10
8
14
18
2
4
6
16
20
12
B1
2
6
7
5
1
2
3
4
A1
B2
A2
8
3
5
7
1
3
19
1
7
5
15
17
9
13
12
2
8
10
16
14
18
11
1
3
2
1
2
9
11
13
17
19
15
3
20
6
4
B
COM
A
VSS
SCL
SDA
WC_N
E2
E1
E0
VCC
SDA
SCL
VSS
VCC
Figure 13. EVAL-ADPD2140Z Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com