Electronic Components Datasheet Search
  English  ▼

X  

ADRF5027 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5027
Description  Silicon SPDT Switch, Nonreflective
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5027 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5027 Datasheet HTML 1Page - Analog Devices ADRF5027 Datasheet HTML 2Page - Analog Devices ADRF5027 Datasheet HTML 3Page - Analog Devices ADRF5027 Datasheet HTML 4Page - Analog Devices ADRF5027 Datasheet HTML 5Page - Analog Devices ADRF5027 Datasheet HTML 6Page - Analog Devices ADRF5027 Datasheet HTML 7Page - Analog Devices ADRF5027 Datasheet HTML 8Page - Analog Devices ADRF5027 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silicon SPDT Switch, Nonreflective,
9 kHz to 44 GHz
Data Sheet
ADRF5027
Rev.
0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 9 kHz to 44 GHz
Nonreflective design
Low insertion loss
1.1 dB to 18 GHz
1.5 dB to 26 GHz
2.2 dB to 40 GHz
3.8 dB to 44 GHz
High isolation
53 dB to 18 GHz
48 dB to 26 GHz
48 dB to 40 GHz
43 dB to 44 GHz
High input linearity
P1dB: 26 dBm typical
IP3: 54 dBm typical
High power handling
24 dBm insertion loss path
24 dBm isolation path
All off state control
No low frequency spurious signals
0.1 dB RF settling time: 6.0 µs typical
20-terminal, 3 mm × 3 mm LGA package
Pin compatible with ADRF5026, fast switching version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G mmWave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
GND
GND
DRIVER
RFC
GND
GND
VSS
EN
GND
CTRL
VDD
1
2
3
4
5
11
12
13
15
14
50Ω
50Ω
Figure 1.
GENERAL DESCRIPTION
The ADRF5027 is a nonreflective, single-pole, double-throw
(SPDT) radio frequency (RF) switch manufactured in a silicon
process.
The ADRF5027 operates from 9 kHz to 44 GHz with better
than 3.8 dB of insertion loss and 43 dB of isolation. The
ADRF5027 features an all off control, where both RF ports are
in an isolation state. The ADRF5027 has a nonreflective design
and both of the RF ports are internally terminated to 50 Ω.
The ADRF5027 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs complimentary metal-oxide
semiconductor/low-voltage transistor-transistor logic
(CMOS/LVTTL) logic-compatible controls.
The ADRF5027 is pin compatible with the ADRF5026 fast
switching version, which operates from 100 MHz to 44 GHz.
The ADRF5027 RF ports are designed to match a characteristic
impedance of 50 Ω. For ultrawideband products, impedance
matching on the RF transmission lines can further optimize
high frequency insertion loss and return loss characteristics.
Refer to the Narrow-Band Impedance Matching section for an
example of a matched circuit that achieves a low insertion loss
response of 2.2 dB from 28 GHz to 43 GHz.
The ADRF5027 comes in a 20-terminal, 3 mm × 3 mm, RoHS-
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5027

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results

Similar Description - ADRF5027

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS229-350 SKYWORKS-AS229-350_07 Datasheet
273Kb / 4P
GaAs IC SPDT Nonreflective Switch 300 kHz-6 GHz
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com