Electronic Components Datasheet Search
  English  ▼

X  

ADRF5545A Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5545A
Description  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5545A Datasheet(HTML) 4 Page - Analog Devices

  ADRF5545A Datasheet HTML 1Page - Analog Devices ADRF5545A Datasheet HTML 2Page - Analog Devices ADRF5545A Datasheet HTML 3Page - Analog Devices ADRF5545A Datasheet HTML 4Page - Analog Devices ADRF5545A Datasheet HTML 5Page - Analog Devices ADRF5545A Datasheet HTML 6Page - Analog Devices ADRF5545A Datasheet HTML 7Page - Analog Devices ADRF5545A Datasheet HTML 8Page - Analog Devices ADRF5545A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADRF5545A
Data Sheet
Rev. A | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUT
SWCTRL-CHAB, PD-CHAB
Low (VIL)
0
0.7
V
High (VIH)
1.4
VDD3
V
BP-CHA, BP-CHB
Low (VIL)
0
0.3
V
High (VIH)
1.0
VDD3
V
SUPPLY CURRENT (IDD)
VDD1-CHx and VDD2-CHx = 5 V per channel
High Gain
86
mA
Low Gain
36
mA
Power-Down Mode
12
mA
TX Current (Switch)
SWVDD-CHAB = 5 V
4.3
mA
DIGITAL INPUT CURRENTS
SWCTRL-CHAB, PD-CHAB, BP-CHA, BP-CHB = 5 V per channel
SWCTRL-CHAB
0.0004
mA
PD-CHAB
0.19
mA
BP-CHA, BP-CHB
0.19
mA
1
See Table 6 and Table 7.
2
Measured at EPAD.
3
VDD is the voltage of the SWVDD-CHAB, VDD1-CHA, VDD1-CHB, VDD2-CHA, and VDD2-CHB pins.
2.6 GHZ TUNED OPERATION
The ADRF5545A-EVALZ can be optimized for 2.6 GHz operation, with external matching (see the ADRF5545A-EVALZ user guide for
more information). The typical 2.6 GHz specifications with external matching are shown in Table 2.
Table 2. Typical Specifications at 2.6 GHz
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN1
Receive operation at 2.6 GHz
High Gain Mode
34
dB
Low Gain Mode
17
dB
GAIN FLATNESS1
Receive operation in any 100 MHz bandwidth
High Gain Mode
0.6
dB
Low Gain Mode
0.2
dB
NOISE FIGURE (NF) 1
Receive operation at 2.6 GHz
High Gain Mode
1.5
dB
Low Gain Mode
1.5
dB
OUTPUT THIRD ORDER INTERCEPT POINT (OIP3)1
Receive operation at 1 MHz tone spacing
High Gain Mode
31
dBm
Low Gain Mode
31
dBm
OUTPUT 1 dB COMPRESSION (OP1dB)
High Gain Mode
18
dBm
Low Gain Mode
13
dBm
INSERTION LOSS1
Transmit operation at 2.6 GHz
0.60
dB
CHANNEL TO CHANNEL ISOLATION
At 2.6 GHz
Between RXOUT-CHA and RXOUT-CHB1
Receive operation
40
dB
Between TERM-CHA and TERM-CHB1
Transmit operation
57
dB
SWITCH ISOLATION
ANT-CHA to TERM-CHA and ANT-CHB to TERM-CHB1
Transmit operation
25
dB
1
See Table 6 and Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com