Electronic Components Datasheet Search
  English  ▼

X  

ADUCM330WFS Datasheet(PDF) 13 Page - Analog Devices

Part # ADUCM330WFS
Description  Integrated, Precision Battery Sensor for Automotive Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM330WFS Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUCM330WFS Datasheet HTML 9Page - Analog Devices ADUCM330WFS Datasheet HTML 10Page - Analog Devices ADUCM330WFS Datasheet HTML 11Page - Analog Devices ADUCM330WFS Datasheet HTML 12Page - Analog Devices ADUCM330WFS Datasheet HTML 13Page - Analog Devices ADUCM330WFS Datasheet HTML 14Page - Analog Devices ADUCM330WFS Datasheet HTML 15Page - Analog Devices ADUCM330WFS Datasheet HTML 16Page - Analog Devices ADUCM330WFS Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
ADuCM330WFS/ADuCM331WFS
Rev. A | Page 13 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
SOLDERED TO GROUND FOR THERMAL REASONS.
1
DNC
2
DGND
3
DVDD18
4
DVDD33
5
33VDD
6
AVDD18
7
AGND
8
VREF
24
23
22
21
20
19
18
17
RESET
SWDIO
SWCLK
GPIO0/CS/LIN_RX
GPIO1/SCLK/LIN_TX
GPIO2/MISO
GPIO3/IRQ0/MOSI/LC_TX/LIN_TX
GPIO4/IRQ1/LC_RX/ECLKIN/LIN_RX
TOP VIEW
(Not to Scale)
ADuCM330WFS/
ADuCM331WFS
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
RESET
I
Reset Input. Active low. This pin has an internal pull-up resistor to 33VDD.
2
SWDIO
I/O
Cortex-M3 Debug Data Input and Output. At power-on, this output is disabled and pulled high via
an internal pull-up resistor. This pin can be left unconnected when not in use.
3
SWCLK
I
Cortex-M3 Debug Clock Input. This is an input only pin and has an internal pull-up resistor.
This pin can be left unconnected when not in use.
4
GPIO0/CS/LIN_RX
I/O
General-Purpose Input/Output 0 (GPIO0). By default, this pin is configured as an input. The pin has
an internal 25 kΩ pull-up resistor to 33VDD and can be left unconnected when not in use.
Chip Select (CS). When configured, this pin also operates the SPI chip select input.
Local Interconnect Network Receiver (LIN_RX). This pin can be configured as the receiver pin
for LIN frames in external transceiver mode.
5
GPIO1/SCLK/LIN_TX
I/O
General-Purpose Input/Output 1 (GPIO1). By default, this pin is configured as an input. This pin is
used by the kernel in external mode. See the ADuCM330WFS/ADuCM331WFS Hardware Reference
Manual for more information. The pin has an internal 25 kΩ pull-up resistor to 33VDD and can be
left unconnected when not in use.
Serial Clock Input (SCLK). When configured, this pin operates the SPI serial clock input.
Local Interconnect Network Transmitter (LIN_TX). This pin can be configured as the transmitter
pin for LIN frames in external transceiver mode.
6
GPIO2/MISO
I/O
General-Purpose Input/Output 2 (GPIO2). By default, this pin is configured as an input. The pin has
an internal 25 kΩ pull-up resistor to 33VDD and can be left unconnected when not in use.
Master Input/Slave Output (MISO). When configured, this pin also operates the SPI master
input/slave output.
7
GPIO3/IRQ0/MOSI/
LC_TX/LIN_TX
I/O
General-Purpose Input/Output 3 (GPIO3). By default, this pin is configured as an input. This pin is
used by the kernel in external mode. See the ADuCM330WFS/ADuCM331WFS Hardware Reference
Manual for more information. The pin has an internal 25 kΩ pull-up resistor to 33VDD and can be
left unconnected when not in use.
Interrupt Request (IRQ0). This pin can also be configured as the External Interrupt Request 0.
Master Output/Slave Input (MOSI). This pin can be configured as an SPI master output/slave
input pin.
LIN Conformance Transmitter (LC_TX). This pin can be connected to the LIN physical
transmitter for LIN conformance testing.
Local Interconnect Network Transmitter (LIN_TX). This pin can also be connected as the
transmitter pin for LIN frames in external transceiver mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com