Electronic Components Datasheet Search
  English  ▼

X  

PD69108F Datasheet(PDF) 16 Page - Microsemi Corporation

Part # PD69108F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108F Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button PD69108F Datasheet HTML 9Page - Microsemi Corporation PD69108F Datasheet HTML 10Page - Microsemi Corporation PD69108F Datasheet HTML 11Page - Microsemi Corporation PD69108F Datasheet HTML 12Page - Microsemi Corporation PD69108F Datasheet HTML 13Page - Microsemi Corporation PD69108F Datasheet HTML 14Page - Microsemi Corporation PD69108F Datasheet HTML 15Page - Microsemi Corporation PD69108F Datasheet HTML 16Page - Microsemi Corporation PD69108F Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
16
8 PORTS PSE POE MANAGER
TM
®
Tape and Reel – Packaging Information
REEL MECHANICAL DATA
mm.
inch
Tape size
16.00 ±0.3
0.630 ±0.012
A max.
330
13”
B max.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
50
1.968
G
16.4+2.0/-0.0
0.645+0.079/-0.0
T max.
29
1.142
BASE QUANTITY
2000 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com