Electronic Components Datasheet Search
  English  ▼

X  

HM8114 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8114
Description  30V 2A 500KHz Synchronous Step-Down Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8114 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8114 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8114 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 / 7
30V 2A 500KHz Synchronous Step-Down Regulator
Functional Block Diagram
VCC REGULATOR
OSCILLATOR
REFERENCE
1M
400k
56pF
1pF
COMPARATOR
ON TIME CONTROL
LOGIC CONTROL
∑
BOOST
REGULATOR
HS
DRIVER
LS
DRIVER
VCC
VCC
VIN
EN
FB
GND
SW
BS
CURRENT LIMIT
COMPARATOR
+
+
-
CURRENT SENSE
AMPLIFIER
RSEN
ERROR AMPLIFIER
+
-
+
-
Figure 2. HM8114 Block Diagram
Functions Description
Internal Regulator
The HM8114 is a current mode step down DC/DC converter that provides excellent transient response with no extra
external compensation components. This device contains an internal, low resistance, high voltage power MOSFET,
and operates at a high 500K operating frequency to ensure a compact, high efficiency design with excellent AC and
DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a current
proportional to the difference between the two. This output current is then used to charge or discharge the internal
compensation network to form the COMP voltage, which is used to control the power MOSFET current. The
optimized internal compensation network minimizes the external component counts and simplifies the control loop
design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup. When the
chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.6V. When it is lower
than the internal reference (REF), SS overrides REF so the error amplifier uses SS as the reference. When SS is
higher than REF, REF regains control. The SS time is internally fixed to 1.2ms.
HM8114



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com