Electronic Components Datasheet Search
  English  ▼

X  

HM8115 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8115
Description  40V, 600MA, 1MHz synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8115 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8115 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8115 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
 
 
Absolute Maximum Ratings (Note1) 
Symbol 
Parameter 
Rating 
Unit 
VIN 
VIN Supply Voltage(VIN to Gnd) 
‐0.3 ~ 45 
V 
VSW 
SW to GND Voltage 
Pulse Width > 20ns 
‐1 ~ 45 
V 
Pulse Width < 20ns 
‐3 ~ 45 
V 
 
EN, FB to GND Voltage ‐0.3 ~ 6 
V 
VBS 
BS to GND Voltage 
VSW ‐ 0.3 ~ VSW +6 
V 
VBS‐SW 
BS to SW Voltage 
‐0.3 ~ 6 
V 
PD 
Power Dissipation 
Internally Limited 
W 
TJ 
Junction Temperature 
150 
ºC 
TSTG 
Storage Temperature 
‐65 ~ 150 
ºC 
TSDR 
Maximum Lead Soldering Temperature (10 Seconds) 
260 
ºC 
Note1:  Stresses  beyond  those  listed  under  "absolute  maximum  ratings"  may  cause  permanent  damage  to  the  device.  These  are  stress  ratings  only  and  functional 
operation  of  the  device  at  these  or  any  other  conditions  beyond  those  indicated  under  "recommended  operating  conditions"  is  not  implied.  Exposure  to  absolute 
maximum rating conditions for extended periods may affect device reliability. 
Thermal Characteristics 
Symbol 
Parameter 
Typical Value 
Unit 
    θJA 
Junction‐to‐Ambient Resistance in free air (Note 2) 
SOT‐23‐6
250 
°C/W 
Note 2: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. 
Recommended Operation Conditions (Note3) 
Symbol 
Parameter 
Range 
Unit 
VIN 
VIN Supply Voltage 
4.5 ~ 40 
V 
VOUT 
Converter Output Voltage 
0.8V ~ 75%VIN 
V 
IOUT 
Converter Output Current 
Continue 
0 ~ 300 
mA 
< 10ms 
0 ~ 600 
mA 
 
VOUT/VIN Maximum Ratio(Note 4) 
HM8115 
75
%
 
VOUT/VIN Minimum Ratio(Note 5) 
HM8115 
12
%
TA 
Ambient Temperature ‐40 ~ 85 
oC
TJ 
Junction Temperature ‐40 ~ 125 
oC
40V, 600MA, 1MHz synchronous Buck Converter
HM8115



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com