Electronic Components Datasheet Search
  English  ▼

X  

HM8210 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8210
Description  High-precision linear built-in MOS tube three-cell lithium battery charger control circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8210 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8210 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8210 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电气参数(续)
(除非特别注明,
VCC=5V。标注“♦”的工作温度为- 40℃≤TA≤130 ℃;未标注“♦”的工作温度为: TA=25℃;典型值的测试温度为:
TA=25℃)
参数名称
符号
测试条件
最小值
典型值
最大值
单位
电池不正常状态判别
BAT 端电压
VBSC
0.3
0.8
1.2
V
LEDS 端输出脉冲周期
0.3
0.5
0.75
s
LEDS 端输出脉冲占空比
50
%
LEDS 端,LEDT 端灌电
流
VLEDS=VLEDT=0.3V
10
mA
BAT 端输入电流
VBAT=10.8V
10
20
μ
A
BAT 端外接电容
μ
F
注:
1 除非特别注明,表中的电压值均相对于 GND而言;
2 参见应用线路图 3;
功能描述
HM8210 是一款专门为高精度线性三节
锂电池充电器而设计的电路,图
3
图
4 示出了充电过程中的电流、电压曲线.
5 为充电周期的流程图。
图 3 应用线路图
为应用图.
图
22
47
R1=160MV/充电电流
VOUT = ( R10/
)
+
R11 1
8.4
*
电解电容
电解电容
HM8210



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com