Electronic Components Datasheet Search
  English  ▼

X  

HM8332 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8332
Description  Three Channels Integrated Power Management IC for Handheld Portable Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8332 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8332 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8332 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
E
Elleeccttrriiccaall C
Chhaarraacctteerriissttiiccss ((R
RE
EG
G22
,
,
R
RE
EG
G33
))
VINL = 3.6V, COUT2 = 1µF, TA = 25°C, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Range
2
5.5
V
Output Voltage Regulation
Accuracy
TA=25℃
-1.2
VOUT2,3
+2
%
Regulator Enabled
50
Supply Current Per Output
Regulator Disabled
0
µA
FB2,3 Voltage
1.212
V
Output Current Limit
300
mA
Stable COUT2,3 Range
1
20
µF
Thermal
Shutdown
Temperature
Temperature Rising
160
℃
Thermal
Shutdown
Hysterics
Temperature Falling
20
℃
A
Apppplliiccaattiioonn IInnffoorrm
maattiioonn
VIN (PIN1):
Power Input for REG1. Bypass to GND with a high quality ceramic capacitor placed as
close as possible to the REG1.
SW (PIN2):
Switching node Output for REG1. Connect this pin to the switching end of the inductor.
GND (PIN3):
Power Ground, as close to the IC as possible.
VOUT2 (PIN4):
Output voltage for REG2, capable of delivering up to 300mA of output current.
FB2 (PIN5):
Output Feedback Sense. Receives the feedback voltage from an external resistive divider
across the output. The output voltage for REG1 is set by a resistive divider according to the following
formula: VOUT2 = 1.212V • [1 + (R3/R4)].
VINL (PIN6):
Power input for REG2, REG3. Bypass to GND with a high quality ceramic capacitor placed
as close as possible to the IC.
VOUT3 (PIN7):
Output voltage for REG3, capable of delivering up to 300mA of output current.
FB3 (PIN8):
Output Feedback Sense. Receives the feedback voltage from an external resistive divider
across the output. The output voltage for REG3 is set by a resistive divider according to the following
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com