Electronic Components Datasheet Search
  English  ▼

X  

HM8563S Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563S
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563S Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563S Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563S Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
• 12 •
start-up times experienced by these types of circuits, a mechanism has been built in to disable
the POR and hence speed up on-board test of the device. The setting of this mode requires
that the I2C-bus pins, SDA and SCL, be toggled in a specific order as shown in Fig 5. All timing
values are required minimum.
Once the override mode has been entered, the chip immediately stops being reset and
normal operation starts i.e. entry into the EXT_CLK test mode via I2C-bus access. The
override mode is cleared by writing a logic 0 to bit TESTC. Re-entry into the override mode is
only possible after TESTC is set to logic 1. Setting TESTC to logic 0 during normal operation
has no effect except to prevent entry into the POR override mode.
Fig 5 POR override sequence.
3 Serial interface
The serial interface of
HM8563 is the I2C -bus, which requires minimum connections
between MPU and it peripherals ——.a serial Data I/O line and a serial CLK line driven by
MPU.
3.1 I2C Specification
The I2C -bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only when
the bus is idle.
The I2C -bus system configuration is shown in Fig 6. A device generating a message is a
‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls the
message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’.
Fig 6 I2C-bus system configuration.
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line, while the clock is HIGH is defined as the start condition (S). A
LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the stop
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com