Electronic Components Datasheet Search
  English  ▼

X  

HM8584 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8584
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8584 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8584 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8584 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8584 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8584 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8584 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8584 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(VS = +2.7V, VCM = +1.35V, VO = +1.35V, TA = +25℃, unless otherwise noted.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
—
80
100
μV
IB
Input Bias Current
75
pA
IOS
Input Offset Current
5
pA
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 2.7V
110
dB
AVO
Large Signal Voltage Gain
RL = 10kΩ VO=0.3V~2.4V
140
dB
∆VOS/∆T
Input Offset Voltage Drift
20
nV/℃
OUTPUT CHARACTERISTICS
VOH
Output Voltage High
RL = 100kΩ to -VS
2.699
V
RL = 10kΩ to -VS
2.697
V
VOL
Output Voltage Low
RL = 100kΩ to +VS
1
mV
RL = 10kΩ to +VS
2
mV
ISC
Short Circuit Limit
RL =10Ω to -VS
26
mA
IO
Output Current
10
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 5.5V
115
dB
IQ
Quiescent Current
VO = 0V, RL = 0Ω
450
μA
DYNAMIC PERFORMANCE
GBP
Gain-Bandwidth Product
G = +100
1.43
MHz
SR
Slew Rate
RL = 10kΩ
0.84
V/μs
TOR
Overload Recovery Time
0.04
ms
NOISE PERFORMANCE
en p-p
Voltage Noise
0Hz to 10Hz
0.90
μVp-p
en
Voltage Noise Density
f = 1kHz
53
nV/ Hz
/
/



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com