Electronic Components Datasheet Search
  English  ▼

X  

HM8631 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8631
Description  520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8631 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8631 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8631 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Electrical Characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tOR
Overload recovery time
VIN * Gain > VS
0.9
μs
NOISE PERFORMANCE
en
Input voltage noise
density
f = 10kHz
18
nV/√Hz
POWER SUPPLY
VS
Operating supply voltage
2.3
5.5
V
PSRR
Power supply rejection
ratio
VS = 2.7V to 5.5V, VCM < VS+ − 2V
69
84
dB
IQ
Quiescent current (per
amplifier)
480
520
620
μA
over Temperature
850
THERMAL CHARACTERISTICS
TA
Operating temperature
range
-40
+125
℃
θJA
Package Thermal
Resistance
SC70-5
333
℃/W
SOT23-5
190
MSOP-8
216
SO-8
125
TSSOP-14
112
SO-14
115
VS =5.0V, TA =+25℃,VCM =VS /2, VO =VS /2, and RL = 10kΩ connected to VS /2, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = −40 to +125 ℃.
Specifications subject to changes without notice.
HM8631, HM8632, HM8634
520μA, 6.5MHz, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com