Electronic Components Datasheet Search
  English  ▼

X  

HM8632 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8632
Description  520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8632 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8632 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8632 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Package Outlines (continued)
TSSOP-14
SO-14
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
-
1.200
-
0.0472
A1
0.050
0.150
0.002
0.006
A2
0.900
1.050
0.037
0.043
A3
0.390
0.490
0.016
0.020
b
0.200
0.290
0.008
0.012
C
0.130
0.180
0.005
0.007
D
4.860
5.060
0.198
0.207
E
6.200
6.600
0.253
0.269
E1
4.300
4.500
0.176
0.184
e
0.650 typ.
0.0256 typ.
L1
1.000 ref.
0.0393 ref.
L
0.450
0.750
0.018
0.031
θ0°
8°
0°
8°
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.450
1.850
0.059
0.076
A1
0.100
0.300
0.004
0.012
A2
1.350
1.550
0.055
0.063
A3
0.550
0.750
0.022
0.031
b
0.406 typ.
0.017 typ.
C
0.203 typ.
0.008 typ.
D
8.630
8.830
0.352
0.360
E
5.840
6.240
0.238
0.255
E1
3.850
4.050
0.157
0.165
e
1.270 typ.
0.050 typ.
L1
1.040 ref.
0.041 ref.
L
0.350
0.750
0.014
0.031
θ2°
8°
2°
8°
HM8631, HM8632, HM8634
520μA, 6.5MHz, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com