Electronic Components Datasheet Search
  English  ▼

X  

HM8833 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8833
Description  Dual channel H-bridge motor driver chip
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8833 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8833 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8833 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Page 4 of 18
09/2016, V2.4
电特性
at Ta = 25°C, VM= 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
POWER SUPPLY
IVM
VM 静态电流
VM = 5 V, xIN1 = 0 V, xIN2 = 0 V
1.7
3
mA
IVMQ
VM 休眠电流
VM = 5 V
1.6
2.5
uA
VUVLO
VM 欠压阈值
VM falling
2.6
V
VHYS
VM 欠压迟滞
500
mV
LOGIC-LEVEL INPUTS
VIL
逻辑输入低电平
nSLEEP
0.5
V
All other pins
0.7
VIH
逻辑输入高电平
nSLEEP
2.5
V
All other pins
2
VHYS
逻辑输入迟滞
0.4
V
RPD
输入内部下拉电阻
nSLEEP
500
kΩ
All except nSLEEP
150
IIL
输入低电平电流
VIN = 0
1
uA
IIH
输入高电平电流
VIN = 3.3 V, nSLEEP
6.6
13
uA
VIN = 3.3 V, all except nSLEEP
16.5
33
tDEG
防消抖时间
450
ns
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
输出低电平
IO = 5 mA
0.5
V
IOH
关断漏电流
VO = 3.3 V
1
uA
H-BRIDGE FETS
RDS(ON)
H 桥高侧 FET 导通电阻
VM = 5 V, I O = 500 mA
200
mΩ
VM = 2.7 V, I O = 500 mA
250
H 桥低侧 FET 导通电阻
VM = 5 V, I O = 500 mA
180
VM = 2.7 V, I O = 500 mA
220
IOFF
关断漏电流
VM = 5 V, VOUT = 0 V
-1
1
uA
MOTOR DRIVER
fPWM
电流控制
PWM 频率
Internal PWM frequency
50
kHz
HM8833
双通道
H 桥电机驱动芯片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com