Electronic Components Datasheet Search
  English  ▼

X  

RF2498 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2498
Description  TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2498 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2498 Datasheet HTML 5Page - RF Micro Devices RF2498 Datasheet HTML 6Page - RF Micro Devices RF2498 Datasheet HTML 7Page - RF Micro Devices RF2498 Datasheet HTML 8Page - RF Micro Devices RF2498 Datasheet HTML 9Page - RF Micro Devices RF2498 Datasheet HTML 10Page - RF Micro Devices RF2498 Datasheet HTML 11Page - RF Micro Devices RF2498 Datasheet HTML 12Page - RF Micro Devices RF2498 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
8-309
RF2498
Rev A3 030711
Pin
Function
Type Description
Interface Schematic
1
GPS+
AO
GPS IF output. Open collector.
2
GPS-
AO
GPS IF output. Open collector.
See pin 1.
3
CDMA+
AO
CDMA IF output. Open collector.
4
CDMA-
AO
CDMA IF output. Open collector.
See pin 3.
5FM+
AO
FM IF output. Open collector. “Current combiner” IF interface
to SAW filter recommended. (See “IF Output Matching Net-
work” section.)
6FM-
AO
FM IF output. Open collector. “Current combiner” IF interface
to SAW filter recommended. (See “IF Output Matching Net-
work” section.)
See pin 5.
7VCC2
P
VCC connection for internal LO amplifiers. Internal RF bypass
capacitor. External bypass capacitor between 1nF and 47nF
required.
8LO IN
AI
LO single-end input. Matched to 50
Ω.
9LO OUT
AO
LO output. Internal DC block.
10
/2 SELECT
DI
Logic input. Low enables /2 circuitry in cellular mode.
The divider is disabled when BAND SEL (pin 27) is high,
regardless of the state of pin 10. The divider can only be
enabled when BAND SEL is low and pin10 is low. Pin 10 can
be tied to a low state allowing BANDSEL (pin 27) to control the
LO divider function, if using a single LO input source.
See pin 11.
11
TX BUFF
ENABLE
DI
Logic input. High enables TX LO output buffer amplifiers.
12
PCS RFA
VCC
P
VCC connection for PCS mixer preamplifier.
13
PCS MIX IN
AI
PCS mixer RF single-end input.
14
CELL MIX
IN
AI
Cellular mixer RF single-end input. Matched to 50
Ω.
GPS+
GPS-
CDMA+
CDMA-
FM+
FM-
LO IN
70
Ω
TX BUF
PCS MIX IN
CELL MIX IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com