Electronic Components Datasheet Search
  English  ▼

X  

HM8881 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8881
Description  6.4W Anti-Clipping Mono Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8881 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8881 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8881 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
-4-
VSS=0V, VDD =6.5V, Av=24.5dB, Ta=25ºC, CIN=1.0uF, RIN=5.1 k
Ω, ACF-Off (
Class D) mode, unless otherwise specified.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Power
PO
RL=4
Ω
f=1kHz,
THD+N=1%
3.80
W
RL=2
Ω
5.30
RL=4
Ω
f=1kHz,
THD+N=10%
4.70
RL=2
Ω
6.40
Total Harmonic Distortion
plus Noise (BW: 20kHz)
THD+N
RL
=4Ω, PO=1W, f=1kHz
0.10
%
Output Noise
VN
f=20Hz~20kHz, A加权, Av=24.5dB
83
µVrms
Signal /Noise Ratio
SNR
A加权, Av=24.5dB,THD+N = 1%
95
dB
Power Supply Rejection
ratio
PSRR
f=1kHz
-70
dB
Efficiency
η
RL=4
Ω+22uH, THD+N = 1%
81
%
RL
=8Ω+33uH, THD+N = 1%
91
%
Output Offset Voltage
VOS
±7.5
mV
System Gain
Av0
RIN=5.1 k
Ω
24.5
dB
ACF maximum attenuation
gain
Aa
ACF-ON (Class D)
-10
0
dB
VSS=0V, VDD =6.5V, Av=24dB, Ta=25ºC, CIN=1.0uF, RIN=5.1 k
Ω, ACF-Off (
Class AB) mode, unless otherwise specified.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Power
PO
RL=4
Ω
f=1kHz,
THD+N=1%
3.70
W
RL=2
Ω(6V)
3.92
RL=4
Ω
f=1kHz,
THD+N=10%
4.50
RL=2
Ω (6V)
5.20
Total Harmonic Distortion
plus Noise (BW: 20kHz)
THD+N
RL
=4Ω, PO=1W, f=1kHz
0.06
%
Output Noise
VN
f=20Hz~20kHz, A加权, Av=24.5dB
110
µVrms
Signal /Noise Ratio
SNR
A加权, Av=24.5dB,THD+N = 1%
90
dB
Efficiency
η
RL=4
Ω+22uH, THD+N = 1%
66
%
RL
=8Ω+33uH, THD+N = 1%
69
%
Output Offset Voltage
VOS
±6
mV
System Gain
Av0
RIN=5.1 k
Ω
24
dB
*6
All the values of analog characteristics were obtained by using our evaluation circumstance; Depending upon parts and
pattern layout to use, characteristics may be changed.
For AB ,6V 2
Ω load is SOP8-PP package.
AC Characteristics
VSS=0V, VDD =2.5 to 6.5V, Ta=-30
℃~85℃, unless otherwise specified.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Start-up time (or wake up from shutdown
mode, or switch between Class AB and D)
tSTUP
100
ms
ACF Attack time
tAT1
VDD=3.6V, g=10dB
72
ms
ACF Release time
tRL1
VDD=3.6V, g=10dB
720
ms
Each mode setting time (Except shutdown
nor switch between Class AB and D)
tMOD
0.1
ms
Carrier clock frequency
fPWM
488
KHz
HM8881
Audio Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com