Electronic Components Datasheet Search
  English  ▼

X  

HM9229 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9229
Description  10A Current Mode Non-Synchronous PWM Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9229 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9229 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9229 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ordering Information
Part Number
Operating Temperature
Package
MOQ
Description
-25°C ~ 85°C
SOP-8L(EP)
2500EA
Tape & Reel
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
HVDD
0
12
V
LX Voltage
VLX
0
14
V
Others Pin Voltage
0
6
V
Thermal Resistance (Junction to Ambient)
θJA
+60
°C / W
Thermal Resistance (Junction to Case)
θJC
+10
°C / W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOP
-25
+85
°C
Storage Temperature
TST
-65
+150
°C
Lead Temperature
(soldering, 10 sec)
+260
°C
Note1:
θ
JA is measured in the natural convection at TA=25°C on a low effective thermal conductivity test
board of JEDEC 51-3 thermal measurement standard.
IR Re-flow Soldering Curve
HM9229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com