Electronic Components Datasheet Search
  English  ▼

X  

HM9519 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9519
Description  Battery Charge Front-End Full Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9519 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9519 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9519 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Functional Description
Operation
The HM9519 is an integrated IC which offers a complete protection of the portable devices during the Li ion
battery charge.
First, the input pin is protected up to +30V, protecting the down stream system (charger, transceiver, system...)
against the power supply transients such as inrush current or defective functionality. Additional protection level is
offered with the overcurrent block which eliminates current peak or opens the charge path if an overcurrent
default appears.
More of that, the battery voltage is monitored all along the input power supply is connected, allowing to open
charge path if Li ion battery voltage exceeds 4.3V, caused by CCCV charger or battery pack fault.
The integrated pass element (PMOS FET) is sized to support very high charge DC current up to 2.3A. The
overcurrent threshold can be externally adjusted with a pull-down resistor and gain select pin is available to divide
current limit threshold with internal fixed gain. Allowing to adjust with logic pin the overcurrent threshold if
USB/500mAor WA/1.5Ais detected, without changing RILIM resistor, in example.
Undervoltage, Overvoltage, Overcurrent and thermal faults are signalized thanks to the open drain FLAG pin,
by pulling its down.
Undervoltage Lockout (UVLO)
To ensure proper operation under anyconditions, the device has a built−in undervoltage lock out (UVLO)
circuit. During Vin positive going slope, the output remains disconnected from input until Vin voltage is above
1.85V plus hysteresis nominal. This circuit has a 80mV hysteresis to provide noise immunity to transient
condition.
Overvoltage Lockout (OVLO)
To protect connected systems on Vout pin from overvoltage, the device has a built-in overvoltage lock out
(OVLO) circuit. During overvoltage condition, the output remains disabled as long as the input voltage exceeds
this threshold.
FLAG output is tied to low as long as Vin is higher than OVLO. This circuit has a 100mV hysteresis to
provide noise immunity to transient conditions.
FLAGOutput
HM9519
provides a FLAG output, which alerts external systems that a fault has occurred.
This pin is tied to low as soon as the OVLO, OVBAT, IOCP or internal temperature thresholds are exceeded and
remains low until between minimum driving voltage and UVLO threshold. WhenVin level recovers normal
condition, FLAG is held high. The pin is an open drain output, thus a pull up resistor (typically1MΩ− Minimum
10 kΩ) must be provided to Vcc. FLAG pin is an open drain output, which is able to support 1mAmaximum.
EN Input
To enable normal operation, the EN pin shall be forced to low or connected to ground. A high level on the
pin,disconnects OUT pin from IN pin. EN does not overdrive a UVLO or OVLO fault.
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com