Electronic Components Datasheet Search
  English  ▼

X  

SC5388 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC5388
Description  5-MODE PRESET EQUALIZER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5388 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC5388 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5388 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silan
Semiconductors
SC5388
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
PIN DESCIPTION
Pin No.
Pin Name
I/O
Description
1INL
I
Left Channel Input.
2BL1
--
Left Bass Control Pin 1. A Capacitor may be Connected between this Pin
and BL2
3BL2
--
Left Bass Control Pin 2. A Capacitor may be Connected between this Pin
and BL1.
4TL
--
Left Treble Control Pin . A Capacitor may be Connected between this Pin
and OUTL.
5OUTL
O
Left Channel Output in.
6VCC
--
Positive Supply Voltage.
7
BIAS
--
A capacitor may be connected between this Pin and GND.
8
GND
--
Ground.
9
SEL
I
Select Control Pin.
10
MUTE
--
Mute Pin. The Mute Pin can eliminate the noise when mode changing
occurs. A capacitor is connected between this Pin and GND.
11
CYC
I
Cyclic Select Pin.
12
BB
I
Bass Booster Control Input Pin.
13
NC
--
No Connected.
14
BLED
O
Bass Booster Control Input Pin.
15
FLAT
I/O
FLAT Mode Display & Control Input Pin.
16
ROCK
I/O
ROCK Mode Display & Control Input Pin.
17
POPS
I/O
POPS Mode Display & Control Input Pin.
18
CLASSIC
I/O
CLASSIC Mode Display & Control Input Pin.
19
JASS
I/O
JASS Mode Display & Control Input Pin.
20
OUTR
O
Right Channel Output in.
21
BR1
--
Right Bass Control Pin 1. A Capacitor may be Connected between this Pin
and BR2.
22
BR2
--
Right Bass Control Pin 2. A Capacitor may be Connected between this Pin
and BR1.
23
TR
--
Right Treble Control Pin . A Capacitor may be Connected between this Pin
and OUTR.
24
INR
I
Right Channel Input.
FUNCTIONAL DESCRIPTION
The SC5388 is a 2-channel and 5-Mode digital preset equalizer with a Bass Booster function. It provides two
types of key selection mode namely: the Direct and the Cyclic. These two key selection Modes are determined by
SEL pin. Please refer to the table below:
Key Selection Mode
SEL Pin
Description
Press FLAT key to activate Flat Mode
Press ROCK key to activate Rock Mode
Press POPS key to activate Pops Mode
Press CLASSIC key to activate Classic Mode
Direct
Low
Press JAZZ key to activate Jazz Mode
Cyclic
Floating/High
...Flat
→ Rock →Pops→ Classic→ Jazz →Flat→Rock...
Note: 1). The Bass Booster can be controlled in the same manner under the Direct or the Cyclic Key selection
Mode. To turn the Bass Booster ON or OFF, press the BB Key.
2). Under the Cyclic Selection mode, press the CYC Key, to go to the next sound selection.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com