Electronic Components Datasheet Search
  English  ▼

X  

OrderableDevice Datasheet(PDF) 21 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 21 Page - Texas Instruments

Back Button OrderableDevice Datasheet HTML 17Page - Texas Instruments OrderableDevice Datasheet HTML 18Page - Texas Instruments OrderableDevice Datasheet HTML 19Page - Texas Instruments OrderableDevice Datasheet HTML 20Page - Texas Instruments OrderableDevice Datasheet HTML 21Page - Texas Instruments OrderableDevice Datasheet HTML 22Page - Texas Instruments OrderableDevice Datasheet HTML 23Page - Texas Instruments OrderableDevice Datasheet HTML 24Page - Texas Instruments OrderableDevice Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
300
305
310
315
320
325
330
DC04
VS = 1.8V
VS = 5.5V
Frequency (Hz)
20
30
40
50
70
100
200
300
400
500
10k
100k
1M
D025
IOUT = 0 mA
IOUT = 5 mA
IOUT = -5 mA
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-80
-60
-40
-20
0
20
40
60
80
100
DC06
Sinking
Sourcing
Supply Voltage (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
300
305
310
315
320
325
330
DC05
Output Current (mA)
0
10
20
30
40
50
60
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
125qC
85qC
25qC
-40qC
125qC
85qC
25qC
-40qC
DC07
Frequency (Hz)
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
DC25
VS = 5.5 V
VS = 1.8 V
21
TLV9051, TLV9052, TLV9054
www.ti.com
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 31. Output Voltage Swing vs Output Current
Figure 32. Maximum Output Voltage vs Frequency and
Supply Voltage
Figure 33. Short-Circuit Current vs Temperature
Figure 34. Quiescent Current vs Supply Voltage
Figure 35. Quiescent Current vs Temperature
Figure 36. Open-Loop Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com