Electronic Components Datasheet Search
  English  ▼

X  

ATL-B36 Datasheet(PDF) 8 Page - Shanghai Toplite Technology Company Limited

Part # ATL-B36
Description  SPECIFICATIONS FOR TOPLITE COB MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPLITE [Shanghai Toplite Technology Company Limited]
Direct Link  http://www.topliteusa.com
Logo TOPLITE - Shanghai Toplite Technology Company Limited

ATL-B36 Datasheet(HTML) 8 Page - Shanghai Toplite Technology Company Limited

Back Button ATL-B36 Datasheet HTML 2Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 3Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 4Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 5Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 6Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 7Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 8Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 9Page - Shanghai Toplite Technology Company Limited ATL-B36 Datasheet HTML 10Page - Shanghai Toplite Technology Company Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TECHNICAL DATA SHEET
ATL-B36
<FOR TOPLITE COB MODULE>
7 / 9
A/1
ATL-B36 SERIES
Revision issued in 2014.
5-2. 5000K CHROMATICITY COORDINATES
(Tolerance: x,y ± 0.005)
(IF =80mA, Tc= 25℃)
Range
Chromaticity coordinates
NO.1
NO.2
NO.3
NO.4
CENTER
x
0.3551
0.3376
0.3366
0.3515
0.3447
y
0.376
0.3616
0.3369
0.3487
0.3553
* The percentage of each rank in the shipment shall be determined by TOPLITE.
Chromaticity Diagram
Note: The tolerance of measurement at our tester is VF±3% , Dv±10% , Chromaticity(x,y)±0.005.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com