Electronic Components Datasheet Search
  English  ▼

X  

HM9912 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9912
Description  DC or AC input LED driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9912 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9912 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9912 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9912 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9912 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9912 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ 电参数
符号
项目
条件
最小
典型
最大
单位
VINDC
输入直流电压范围
8
450
V
VIN_clamp
VIN 钳位电压
5.5
6.5
7.5
IIN
静态工作电流
VIN=5.5V
GATE floating
0.4
1
mA
UVLO
VIN 欠压保护电压
VIN rising
5.5
V
△
UVLO
欠压保护迟滞电压
VIN falling
700
mV
VDIM
DIM 端调光电压范围
0.3
1.2
V
VDIMoff
DIM 端关断电压
0.15
0.2
0.25
V
VDIMon
DIM 端开启电压
0.20
0.25
0.3
V
RDIM
DIM 端上拉电阻
200K
Ω
VCSTH
电流取样端
CS 阈值电压
500
mV
VRNTC
温度补偿端阈值电压
0.05
0.25
V
TOFF
关断时间
ROSC=200K
6
uS
VREF
VREF 端电压
1.2
V
IREF
VREF 端输出电流
0.15
2
mA
HM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com