Electronic Components Datasheet Search
  English  ▼

X  

ES1AW Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # ES1AW
Description  Surface Mount Superfast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ES1AW Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  ES1AW Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ES1AW Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ES1AW Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Superfast Recovery Rectifier
Trustworthy electronic circuit protection expert
ES1AW THRU ES1JW
www.yint.com.cn
3
Rev:19.3
Package Outline
Plastic surface mounted package; 2 leads
SOD-123FL
UNIT
A
C
D
E
e
g
HE
∠
mm
max
1.1
0.20
2.9
1.9
1.1
0.9
3.8
7°
min
0.9
0.12
2.6
1.7
0.8
0.7
3.5
mil
max
43
7.9
114
75
43
35
150
min
35
4.7
102
67
31
28
138
The recommended mounting pad size



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com